Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7217 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7217
Description  500mA CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7217 Datasheet HTML 1Page - Diodes Incorporated AP7217 Datasheet HTML 2Page - Diodes Incorporated AP7217 Datasheet HTML 3Page - Diodes Incorporated AP7217 Datasheet HTML 4Page - Diodes Incorporated AP7217 Datasheet HTML 5Page - Diodes Incorporated AP7217 Datasheet HTML 6Page - Diodes Incorporated AP7217 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP7217
500mA CMOS LDO
AP7217 Rev. 1
2 of 7
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
1
2
3
4
6
5
EN
SOP-8L
AP7217
( Top View )
VROUT
NC
NC
VIN
GND
NC
VDOUT
8
7
Pin
Name
Pin No.
Function
NC
1
No Connection
VROUT
2
Voltage Output
NC
3
No Connection
VIN
4
Supply Voltage
NC
5
No connection
VDOUT
6
VD Output (Reset on I/P)
GND
7
Ground
EN
8
Enable (VR On/Off)
Block Diagram
Enable
Bandgap
Current
Limit
-
ERROR
AMP
+
+
-
1.2V
R3
R4
VD Comp.
R1
R2
EN
VD
OUT
GND
VR
OUT
V
IN
On
Off
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD MM
Machine Model ESD Protection
450
V
VIN
Input Voltage
+6
V
IOUT
Output Current
PD/ (VIN-VO)
mA
VROUT
Output Voltage
GND - 0.3 ~ VIN+ 0.3
V
TJ
Operating Junction Temperature Range
-40 to +125
ºC
TJ(MAX)
Maximum Junction Temperature
150
ºC
PD
Internal Power Dissipation
1.2
W
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com