Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7217 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7217
Description  500mA CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7217 Datasheet HTML 1Page - Diodes Incorporated AP7217 Datasheet HTML 2Page - Diodes Incorporated AP7217 Datasheet HTML 3Page - Diodes Incorporated AP7217 Datasheet HTML 4Page - Diodes Incorporated AP7217 Datasheet HTML 5Page - Diodes Incorporated AP7217 Datasheet HTML 6Page - Diodes Incorporated AP7217 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP7217
500mA CMOS LDO
AP7217 Rev. 1
1 of 7
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
•
Very Low Dropout Voltage
•
Low Current Consumption: Typ. 50μA
•
Output Voltage: 3.3V
•
Guaranteed 500mA (min) Output
•
Input Range up to 5.5V
•
Current Limiting
•
Stable with either electrolytic capacitor or low-ESR
MLCC (multi-layer ceramic capacitor) Low
Temperature Coefficient
•
SOP-8L: Available in “Green” Molding Compound
(no Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
The AP7217 low-dropout linear regulator operates from a 3.3V to
5.5V supply and delivers a guaranteed 500mA (min) continuous
load current.
The high-accuracy output voltage is preset to an internally
trimmed voltage. An active-low open-drain reset output remains
asserted for at least 20ms (TYP) after output voltage reaches VDF.
The space-saving SOP-8L package is suitable for “pocket” and
hand-held applications.
•
HD/BlueRay DVD & MP3/4 Players
•
Mobile Handsets and Smartphones
•
Digital Still Camera
•
Hand-Held Computers
AP 7217 - XX X X X
S : SOP-8L
Output voltage
Package
33 : 3.3V
-U : Tube
Packing
Lead free
G : Green
-13 : Tape & Reel
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP7217-XXS
S
SOP-8L
100
-U
2500/Tape & Reel
-13
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - AP7217

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217 DIODES-AP7217 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
AP7217-33SG-13 DIODES-AP7217-33SG-13 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
AP7217A DIODES-AP7217A Datasheet
217Kb / 10P
3.3V 600mA CMOS LDO
AP7217A Rev. 1
AP7217A DIODES-AP7217A Datasheet
200Kb / 10P
3.3V 600mA CMOS LDO
AP7217A Rev. 3
AP7217A-33SG-13 DIODES-AP7217A-33SG-13 Datasheet
217Kb / 10P
3.3V 600mA CMOS LDO
AP7217A Rev. 1
More results

Similar Description - AP7217

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
500mA CMOS LDO Regulator
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
500mA CMOS LDO Regulator
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Microchip Technology
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
FULL CMOS LDO Regulator (500mA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com