Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7217 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7217
Description  500mA CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7217 Datasheet HTML 1Page - Diodes Incorporated AP7217 Datasheet HTML 2Page - Diodes Incorporated AP7217 Datasheet HTML 3Page - Diodes Incorporated AP7217 Datasheet HTML 4Page - Diodes Incorporated AP7217 Datasheet HTML 5Page - Diodes Incorporated AP7217 Datasheet HTML 6Page - Diodes Incorporated AP7217 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP7217
500mA CMOS LDO
AP7217 Rev. 1
4 of 7
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
Typical Application
AP7217
V
IN
VD
OUT
VR
OUT
EN
GND
100K
VD
OUT
U1
4
6
2
8
V
IN
C
IN
1uF
7
C
OUT
1uF
ON
OFF
VR
OUT
Typical Performance Characteristics
Vcc vs. Quiescent current
0
10
20
30
40
50
60
70
80
90
100
3.6
4
4.3
5
5.5
Vcc (V)
Iout vs. Dropout voltage
0
100
200
300
400
500
600
700
800
900
1000
30
100
300
500
Iout (mA)
Delay time vs. Temperature
15
16
17
18
19
20
21
22
23
24
-40
25
85
100
Temperature(
oC)
Vcc vs. Standby current
0
10
20
30
40
50
60
70
3.6
4
4.3
5
5.5
Vcc (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com