Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1501 Datasheet (PDF) - Anachip Corp

AP1501 Datasheet PDF - Anachip Corp
Part # AP1501
Download  AP1501 Download
File Size   231.03 Kbytes
Page   12 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 150Khz, 3A PWM Buck DC/DC Converter

AP1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1501 Datasheet PDF - Anachip Corp

Part # AP1501
Download  AP1501 Click to download

File Size   231.03 Kbytes
Page   12 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 150Khz, 3A PWM Buck DC/DC Converter

AP1501 Datasheet (HTML) - Anachip Corp


AP1501 Product details

Features
- Output voltage: 3.3V, 5V, 12V and adjustable
output version
- Adjustable version output voltage range, 1.23V to
37V+4%
- 150Khz +15% fixed switching frequency
- Voltage mode non-synchronous PWM control
- Thermal-shutdown and current-limit protection
- ON/OFF shutdown control input
- Operating voltage can be up to 40V
- Output load current: 3A
- TO220-5L TO220-5L(R) and TO263-5L packages
- Low power standby mode
- Built-in switching transistor on chip

Applications
- Simple High-efficiency step-down regulator
- On-card switching regulators
- Positive to negative converter

General Description
The AP1501 series are monolithic IC that design for
a step-down DC/DC converter, and own the ability
of driving a 3A load without additional transistor
component. Due to reducing the number of external
component, the board space can be saved easily.
The external shutdown function can be controlled
by logic level and then come into standby mode.
The internal compensation makes feedback control
have good line and load regulation without external
design. Regarding protected function, thermal
shutdown is to prevent over temperature operating
from damage, and current limit is against over
current operating of the output switch. The AP1501
series operates at a switching frequency of 150KHz
thus allowing smaller sized filter components than
what would be needed with lower frequency
switching regulators. Other features include a
guaranteed +4% tolerance on output voltage under
specified input voltage and output load conditions,
and +15% on the oscillator frequency. The output
version included fixed 3.3V, 5V, 12V, and an
adjustable type. The packages are available in a
standard 5-lead TO-220 package and a 5-lead
TO-263.




Similar Part No. - AP1501

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501 ANACHIP-AP1501 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
logo
Diodes Incorporated
AP1501 DIODES-AP1501 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1501 DIODES-AP1501 Datasheet
410Kb / 13P
150KHZ, 3A PWM BUCK DC/DC CONVERTER
Rev. 14 - 2 March 2021
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
Simple high-efficiency step-down (buck) regulator
logo
Anachip Corp
AP1501-12K5 ANACHIP-AP1501-12K5 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
More results


Similar Description - AP1501

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com