Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82432T Datasheet (PDF) - EPCOS

B82432T Datasheet PDF - EPCOS
Part # B82432T
Download  B82432T Download
File Size   127.67 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SIMID series, SIMID 1812-T

B82432T Datasheet (PDF)

Go To PDF Page Download Datasheet
B82432T Datasheet PDF - EPCOS

Part # B82432T
Download  B82432T Click to download

File Size   127.67 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SIMID series, SIMID 1812-T

B82432T Datasheet (HTML) - EPCOS


B82432T Product details

SMT inductors, SIMID series SIMID 1812-T

Size 1812 (EIA) or 4532 (IEC)
Rated inductance 1 ... 1000 μH
Rated current 70 ... 1300 mA

Construction
■ Upright ferrite drum core
■ Laser-welded winding
■ Flame-retardant molding

Features
■ Temperature range up to +150 °C
■ High current handling capability
■ Qualified to AEC-Q200
■ Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020D
■ RoHS-compatible

Applications
■ Filtering of supply voltages, coupling, decoupling
■ DC/DC converters
■ Automotive electronics (e.g. single-wire bus systems)
■ Telecommunications
■ Industrial electronics




Similar Part No. - B82432T

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432T EPCOS-B82432T Datasheet
150Kb / 8P
SMT inductors
B82432T EPCOS-B82432T Datasheet
476Kb / 8P
SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
476Kb / 8P
SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
SMT inductors
More results


Similar Description - B82432T

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
SMT Inductors, SIMID Series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
SMT Inductors, SIMID Series SIMID 0603-C
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
SMT Inductors, SIMID Series SIMID 0805-F
B82432C EPCOS-B82432C Datasheet
128Kb / 8P
SIMID series, SIMID 1812-C
B82432T EPCOS-B82432T_12 Datasheet
476Kb / 8P
SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
SMT inductors, SIMID series
B82498F3820J EPCOS-B82498F3820J Datasheet
490Kb / 10P
SIMID series, SIMID 0805-F
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
SMT Inductors, SIMID Series
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
SMT inductors SIMID series, SIMID 1210-H
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com