Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5080 Datasheet (PDF) - STMicroelectronics

ST5080 Datasheet PDF - STMicroelectronics
Part # ST5080
Download  ST5080 Download
File Size   347.72 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PIAFE PROGRAMMABLE ISDN AUDIO FRONT END

ST5080 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST5080 Datasheet PDF - STMicroelectronics

Part # ST5080
Download  ST5080 Click to download

File Size   347.72 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PIAFE PROGRAMMABLE ISDN AUDIO FRONT END

ST5080 Datasheet (HTML) - STMicroelectronics


ST5080 Product details

GENERAL DESCRIPTION

ST5080A PIAFE is a combined PCM CODEC/FILTER device optimized for ISDN Terminals and Digi tal Telephone applications. This device is A-law and Mu-law selectable and offers a number of programmable functions accessed through a serial control channel.



FEATURES:

Complete CODEC and FILTER system including:

PCM ANALOG TO DIGITAL AND DIGITAL TO ANALOG CONVERTERS

POWERFUL ANALOG FRONT END CAPABLE TO INTERFACE DIRECTLY:

- Microphone Dynamic, Piezo or Electrete

- Earpiece down to 100Ωor up to 150nF

- Loudspeaker down to 50Ωor Buzzer up to 600nF.

TRANSMIT BAND-PASS FILTER

ACTIVE RC NOISE FILTER

RECEIVE LOW-PASS FILTER WITH SIN X/X CORRECTION

MU-LAW OR A-LAW SELECTABLE COMPANDING CODER AND DECODER

PRECISION VOLTAGE REFERENCE



Phones Features:

DUAL SWITCHABLE MICROPHONE AMPLIFIER INPUTS. GAIN PROGRAMMABLE: 15 dB RANGE, 1 dB STEP.

LOUDSPEAKER AMPLIFIER AUXILIARY OUTPUT. ATTENUATION PROGRAMMABLE: 30 dB RANGE, 2 dB STEP.

SEPARATE EARPIECE AMPLIFIER OUTPUT. ATTENUATION PROGRAMMABLE: 15 dB RANGE, 1 dB STEP

AUXILIARY SWITCHABLE EXTERNAL RING INPUT (EAIN).

TRANSIENT SUPRESSION SIGNAL DURING POWER ON.

INTERNAL PROGRAMMABLE SIDETONE

CIRCUIT. ATTENUATION PROGRAMMABLE: 15 dB RANGE, 1 dB STEP.

INTERNAL RING OR TONE GENERATOR IN CLUDING DTMF TONES, SINEWAVE OR SQUAREWAVE WAVEFORMS.

ATTENUATION PROGRAMMABLE: 27 dB RANGE, 3 dB STEP.

COMPATIBLE WITH HANDS-FREE CIRCUIT TEA7540.

ON CHIP SWITCHABLE ANTI-ACOUSTIC FEED-BACK CIRCUIT (ANTI-LARSEN).



APPLICATIONS:

ISDN TERMINALS.

DIGITAL TELEPHONES

CT2 AND GSM APPLICATIONS




Similar Part No. - ST5080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5088 STMICROELECTRONICS-ST5088 Datasheet
275Kb / 33P
PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS
Dec-1999
ST5088D STMICROELECTRONICS-ST5088D Datasheet
275Kb / 33P
PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS
Dec-1999
ST5088FN STMICROELECTRONICS-ST5088FN Datasheet
275Kb / 33P
PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS
Dec-1999
More results


Similar Description - ST5080

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
Advanced modem/audio analog front-end
1998 May 08
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
Advanced modem/audio analog front-end
1998 Jul 22
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
Advanced modem/audio analog front-end
1999 Jul 20
logo
STMicroelectronics
ST5088 STMICROELECTRONICS-ST5088 Datasheet
275Kb / 33P
PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS
Dec-1999
logo
List of Unclassifed Man...
YTD427 ETC-YTD427 Datasheet
172Kb / 23P
ISDN DSU Analog Front End
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
Analog Audio Front-End
AS3510 AMSCO-AS3510_04 Datasheet
875Kb / 20P
ANALOG AUDIO FRONT-END
AS1488 AMSCO-AS1488 Datasheet
875Kb / 20P
Analog Audio Front End
logo
Infineon Technologies A...
PEF24901 INFINEON-PEF24901 Datasheet
1Mb / 111P
Quad ISDN 4B3T Echocanceller Digital Front End
DS1, Sep. 2002
PEF24911 INFINEON-PEF24911 Datasheet
2Mb / 155P
Quad ISDN 2B1Q Echocanceller Digital Front End
DS 3, July 2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com