Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5080 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST5080
Description  PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5080 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST5080 Datasheet HTML 3Page - STMicroelectronics ST5080 Datasheet HTML 4Page - STMicroelectronics ST5080 Datasheet HTML 5Page - STMicroelectronics ST5080 Datasheet HTML 6Page - STMicroelectronics ST5080 Datasheet HTML 7Page - STMicroelectronics ST5080 Datasheet HTML 8Page - STMicroelectronics ST5080 Datasheet HTML 9Page - STMicroelectronics ST5080 Datasheet HTML 10Page - STMicroelectronics ST5080 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
FUNCTIONAL DESCRIPTION
Power on initialization:
When power is first applied, power on reset
cicuitry initializes PIAFE and puts it into the power
down state. Gain Control Registers for the various
programmable gain amplifiers and programmable
switches are initialized as indicated in the Control
Register description section. All CODEC functions
are disabled. Digital Interface is configured in GCI
mode or in COMBO I/II mode depending on Mode
Select pin connection.
The desired selection for all programmable func-
tions may be intialized prior to a power up com-
mand using Monitor channel in GCI mode or MI-
CROWIRE port in COMBO I/II mode.
Power up/down control:
Following power-on initialization, power up and
power down control may be accomplished by writ-
ing any of the control instructions listed in Table 1
into PIAFE with ”P” bit set to 0 for power up or 1
for power down.
Normally, it is recommended that all programma-
ble functions be initially programmed while the
device is powered down. Power state control can
then be included with the last programming in-
struction or in a separate single byte instruction.
Any of the programmable registers may also be
modified while ST5080A is powered up or down
by setting ”P” bit as indicated. When power up or
down control is entered as a single byte instruc-
tion, bit 1 must be set to a 0.
When a power up command is given, all de-acti-
vated circuits are activated, but output DX will re-
main in the high impedance state on B time slots
until the second Fs pulse after power up, even if a
B channel is selected.
Power down state:
Following a period of activity, power down state
may be reentered by writing a power down in-
struction.
Control Registers remain in their current state and
can be changed either by MICROWIRE control in-
terface or GCI control channel depending on
mode selected.
In addition to the power down instruction, detec-
tion of loss MCLK (no transition detected) auto-
matically enters the device in ”reset” power down
state with DX output in the high impedance state
and L0 in high impedance state.
Transmit section:
Transmit analog interface is designed in two
stages to enable gains up to 35 dB to be realized.
Stage 1 is a low noise differential amplifier provid-
ing 20 dB gain. A microphone may be ca-
pacitevely connected to MIC1+, MIC1- inputs,
while the MIC2+ MIC2– inputs may be used to
capacitively connect a second microphone (for
digital handsfree operation) or an auxiliary audio
circuit such as TEA 7540 Hands-free circuit. MIC1
or MIC2 source is selected with bit 7 of register
CR4.
Following the first stage is a programmable gain
amplifier which provides from 0 to 15 dB of addi-
tional gain in 1 dB step. The total transmit gain
should be adjusted so that, at reference point A,
see Block Diagram description, the internal 0
dBmO voltage is 0.739 V (overload level is 1.06
Vrms). Second stage amplifier can be pro-
grammed with bits 4 to 7 of CR5. To temporarily
mute the transmit input, bit TE (6 of CR4) may be
set low. In this case, the analog transmit signal is
grounded and the sidetone path is also disabled.
An active RC prefilter then precedes the 8th order
band pass switched capacitor filter. A/D converter
has a compressing characteristic according to
CCITT A or mu255 coding laws, which must be
selected by setting bits MA, IA in register CR0. A
precision on chip voltage reference ensures accu-
rate and highly stable transmission levels.
Any offset voltage arising in the gain-set amplifier,
the filters or the comparator is cancelled by an in-
ternal autozero circuit.
Each encode cycle begins immediatly at the be-
ginning of the selected Transmit time slot. The to-
tal signal delay referenced to the start of the time
slot is approximatively 195
µs (due to the transmit
filter) plus 123
µs (due to encoding delay), which
totals 320
µs. Voice data is shifted out on DX dur-
ing the selected time slot on the transmit rising
adges of MCLK.
Receive section:
Voice Data is shifted into the decoder’s Receive
voice data Register via the DR pin during the se-
lected time slot on the 8 receive edges of MCLK.
The decoder consists of an expanding DAC with
either A or MU255 law decoding characteristic
which is selected by the same control instruction
used to select the Encode law during intitializa-
tion. Following the Decoder is a 3400 Hz 6th or-
der low pass switched capacitor filter with integral
Sin X/X correction for the 8 kHz sample and hold.
0 dBmO voltage at this (B) reference point (see
Block Diagram description) is 0.49 Vrms. A tran-
scient suppressing circuitry ensure interference
noise suppression at power up.
The analog speech signal output can be routed
either to earpiece (VFR+,VFR- outputs) or to loud-
speaker (LS+, LS- outputs) by setting bits SL and
SE (1 and 0 of CR4).
Total signal delay is approximatively 190
µs (filter
plus decoding delay) plus 62.5
µs (1/2 frame)
which gives approximatively 252
µs.
Differential outputs VFR+,VFR- are intended to di-
ST5080A
7/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com