Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5080 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST5080
Description  PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5080 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST5080 Datasheet HTML 12Page - STMicroelectronics ST5080 Datasheet HTML 13Page - STMicroelectronics ST5080 Datasheet HTML 14Page - STMicroelectronics ST5080 Datasheet HTML 15Page - STMicroelectronics ST5080 Datasheet HTML 16Page - STMicroelectronics ST5080 Datasheet HTML 17Page - STMicroelectronics ST5080 Datasheet HTML 18Page - STMicroelectronics ST5080 Datasheet HTML 19Page - STMicroelectronics ST5080 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Table 7: Control Register CR5 Functions
76543
21
0
Function
Transmit amplifier
Sidetone amplifier
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
0 dB gain
1 dB gain
in 1 dB step
15 dB gain
*
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
-12.5 dB gain
-13.5 dB gain
in 1 dB step
-27.5 dB gain
*
*: state at power on initialization
Table 8: Control Register CR6 Functions
76543
21
0
Function
Earpiece ampifier
Loudspeaker
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
0 dB gain
-1 dB gain
in 1 dB step
-15 dB gain
*
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
0 dB gain
-2 dB gain
in 2 dB step
-30 dB gain
*
*: state at power on initialization
ST5080A
16/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com