Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5080 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST5080
Description  PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5080 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST5080 Datasheet HTML 13Page - STMicroelectronics ST5080 Datasheet HTML 14Page - STMicroelectronics ST5080 Datasheet HTML 15Page - STMicroelectronics ST5080 Datasheet HTML 16Page - STMicroelectronics ST5080 Datasheet HTML 17Page - STMicroelectronics ST5080 Datasheet HTML 18Page - STMicroelectronics ST5080 Datasheet HTML 19Page - STMicroelectronics ST5080 Datasheet HTML 20Page - STMicroelectronics ST5080 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Table 9: Control Register CR7 Functions
76543
21
0
Function
Tone gain
F1
F2
SN
DE
Attenuation
f1 Vpp
f2 Vpp
0
0
0
0
0
0
0
0
1
1
0
0
0
0
1
1
1
1
X
X
0
0
1
1
0
0
1
1
X
X
0
1
0
1
0
1
0
1
0
1
....0dB *
-3 dB
-6 dB
-9 dB
-12 dB
-15 dB
-18 dB
-21 dB
-24 dB
-27 dB
...2.4 (1)
1.70
1.20
0.85
0.60
0.43
0.30
0.21
0.15
0.10
....1.9 (1)
1.34
0.95
0.67
0.47
0.34
0.24
0.17
0.12
0.08
0
0
1
1
0
1
0
1
f1 and f2 muted
f2 selected
f1 selected
f1 and f2 in summed mode
*
0
1
Squarewave signal selected
Sinewave signal selected
*
0
1
Normal operation
Tone / Ring Generator connected to
Transmit path
*
*:
state at power on initialization
(1):
value provided if f1 or f2 is selected alone.
if f1 and f2 are selected in the summed mode, f1=1.34 Vpp while f2=1.06 Vpp.
Output generator is 2.4 Vpp
X
reserved: write 0
Table 10: Control Register CR8 Functions
76543
21
0
Function
f17
f16
f15
f14
f13
f12
f11
f10
msb
lsb
Binary equivalent of the decimal number used to calculate f1
Table 11: Control Register CR9 Functions
76543
21
0
Function
f27
f26
f25
f24
f23
f22
f21
f20
msb
lsb
Binary equivalent of the decimal number used to calculate f2
ST5080A
17/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com