Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5088 Datasheet (PDF) - STMicroelectronics

ST5088 Datasheet PDF - STMicroelectronics
Part # ST5088
Download  ST5088 Download
File Size   275.14 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS

ST5088 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST5088 Datasheet PDF - STMicroelectronics

Part # ST5088
Download  ST5088 Click to download

File Size   275.14 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS

ST5088 Datasheet (HTML) - STMicroelectronics


ST5088 Product details

GENERAL DESCRIPTION
ST5088 PIAFE is a combined PCM CODEC/FILTER device optimized for ISDN Terminals and Digital Telephone applications. This device is A-law and Mu-law selectable and offers a number of programmable functions accessed through a serial control channel.

FEATURES:
■ Complete CODEC and FILTER systemincluding:
■ PCM ANALOG TO DIGITAL AND DIGITAL TO ANALOG CONVERTERS
■ POWERFUL ANALOG FRONT END CAPABLE TO INTERFACE DIRECTLY:
    - Microphone Dynamic or Electrete
    - Earpiece down to 100Ω or up to 150nF
    - Loudspeakerdown to 50Ω or Buzzer up to 600nF.
■ TRANSMIT BAND-PASS FILTER
■ ACTIVE RC NOISE FILTER
■ RECEIVE LOW-PASS FILTER WITH SIN X/X CORRECTION
■ MU-LAW OR A-LAW SELECTABLE COMPANDING CODER AND DECODER
■ PRECISION VOLTAGE REFERENCE

Phones Features:
■ DUAL SWITCHABLE MICROPHONE AMPLIFIER INPUTS. GAIN PROGRAMMABLE: 15 dB RANGE, 1 dB STEP.
■ LOUDSPEAKER AMPLIFIER OUTPUT. SWITCHABLE MAXIMUM GAIN: +9dB/+27dB WITH AUTOMATIC DIGITAL ANTICLIPPING SYSTEM. aTTENUATION PROGRAMMABLE: 30dB RANGE, 2dB STEP.
■ SEPARATE EARPIECE AMPLIFIER OUTPUT. ATTENUATION PROGRAMMABLE: 15 dB RANGE, 1 dB STEP.
■ AUXILIARY TAPE RECORDER ANALOG INTERFACE: Tx + Rx COMBINED OUTPUT.
■ AUXILIARY SWITCHABLE EXTERNAL RING INPUT (EAIN).
■ TRANSIENT SUPRESSION SIGNAL DURING POWER ON.
■ INTERNAL PROGRAMMABLE SIDETONE CIRCUIT. ATTENUATION PROGRAMMABLE: 15 dB RANGE, 1 dB STEP, INDEPENDENT FROM Rx CONTROL.
■ INTERNAL RING OR TONE GENERATOR INCLUDING DTMF TONES, SINEWAVE OR SQUAREWAVE WAVEFORMS. ATTENUATION PROGRAMMABLE: 27 dB RANGE, 3 dB STEP.
■ RINGER CONTROL PROGRAMMABLE INTERNALLY (µP) OR EXTERNALLY (pin AT)
■ COMPATIBLE WITH HANDS-FREE CIRCUIT TEA7540.
■ ON CHIP SWITCHABLE ANTI-ACOUSTIC FEED-BACK CIRCUIT (ANTI-LARSEN).

General Features:
■ EXTENDED TEMPERATURE RANGE OPERATION (*) – 25°C TO +85°C.
■ EXTENDED POWERSUPPLYRANGE 5V±10%.
■ 60 mW OPERATING POWER (TYPICAL).
■ 1.0 mW STANDBY POWER (TYPICAL).
■ CMOS DIGITAL INTERFACES.
■ SINGLE + 5V SUPPLY.
■ DIGITAL LOOPBACK TEST MODE.
■ PROGRAMMABLE DIGITAL AND CONTROL INTERFACES:
    –Digital PCM Interface associated with separate serial Control Interface MICROWIRE™ compatible.
    –GCI interface compatible.

APPLICATIONS:
■ ISDN TERMINALS.
■ DIGITAL TELEPHONES
■ CT2 AND GSM APPLICATIONS




Similar Part No. - ST5088

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5080 STMICROELECTRONICS-ST5080 Datasheet
347Kb / 32P
PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
Dec-1994
ST5080A STMICROELECTRONICS-ST5080A Datasheet
347Kb / 32P
PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
Dec-1994
ST5080D STMICROELECTRONICS-ST5080D Datasheet
347Kb / 32P
PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
Dec-1994
More results


Similar Description - ST5088

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5080A STMICROELECTRONICS-ST5080A Datasheet
347Kb / 32P
PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
Dec-1994
STA001 STMICROELECTRONICS-STA001 Datasheet
310Kb / 20P
RF FRONT-END FOR DIGITAL RADIO
Nov-2002
logo
List of Unclassifed Man...
YTD427 ETC-YTD427 Datasheet
172Kb / 23P
ISDN DSU Analog Front End
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
Analog Audio Front-End
logo
Vishay Siliconix
SI9121 VISHAY-SI9121 Datasheet
98Kb / 9P
High-Voltage, Non-Isolated Buck-Boost Converter for ISDN Digital Phones
19-Apr-04
logo
ams AG
AS3510 AMSCO-AS3510_04 Datasheet
875Kb / 20P
ANALOG AUDIO FRONT-END
AS1488 AMSCO-AS1488 Datasheet
875Kb / 20P
Analog Audio Front End
logo
Infineon Technologies A...
PEB24902 INFINEON-PEB24902 Datasheet
1,017Kb / 52P
Quad ISDN Echocancellation Circuit Analog Front End for Splitterless ADSL over ISDN
Rev. 1, May 2004
PEF24901 INFINEON-PEF24901 Datasheet
1Mb / 111P
Quad ISDN 4B3T Echocanceller Digital Front End
DS1, Sep. 2002
PEF24911 INFINEON-PEF24911 Datasheet
2Mb / 155P
Quad ISDN 2B1Q Echocanceller Digital Front End
DS 3, July 2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com