Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5088 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST5088
Description  PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5088 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST5088 Datasheet HTML 3Page - STMicroelectronics ST5088 Datasheet HTML 4Page - STMicroelectronics ST5088 Datasheet HTML 5Page - STMicroelectronics ST5088 Datasheet HTML 6Page - STMicroelectronics ST5088 Datasheet HTML 7Page - STMicroelectronics ST5088 Datasheet HTML 8Page - STMicroelectronics ST5088 Datasheet HTML 9Page - STMicroelectronics ST5088 Datasheet HTML 10Page - STMicroelectronics ST5088 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
amplifier which provides from 0 to 15 dB of addi-
tional gain in 1 dB step. The total transmit gain
should be adjusted so that, at reference point A,
see Block Diagram description, the internal 0
dBmO voltage is 0.739 V (overload level is 1.06
Vrms). Second stage amplifier can be pro-
grammed with bits 4 to 7 of CR5. To temporarily
mute the transmit input, bit TE (6 of CR4) may be
set low. In this case, the analog transmit signal is
grounded and the sidetone path is also disabled.
An active RC prefilter then precedes the 8th order
band pass switched capacitor filter. A/D converter
has a compressing characteristic according to
CCITT A or mu255 coding laws, which must be
selected by setting bits MA, IA in register CR0. A
precision on chip voltage reference ensures accu-
rate and highly stable transmission levels.
Any offset voltage arising in the gain-set amplifier,
the filters or the comparator is cancelled by an in-
ternal autozero circuit.
Each encode cycle begins immediatly at the be-
ginning of the selected Transmit time slot. The to-
tal signal delay referenced to the start of the time
slot is approximatively 195
µs (due to the transmit
filter) plus 123
µs (due to encoding delay), which
totals 320
µs. Voice data is shifted out on DX dur-
ing the selected time slot on the transmit rising
adges of MCLK.
Receive section:
Voice Data is shifted into the decoder’s Receive
voice data Register via the DR pin during the se-
lected time slot on the 8 receive edges of MCLK.
The decoder consists of an expanding DAC with
either A or MU255 law decoding characteristic
which is selected by the same control instruction
used to select the Encode law during intitializa-
tion. Following the Decoder is a 3400 Hz 6th or-
der low pass switched capacitor filter with integral
Sin X/X correction for the 8 kHz sample and hold.
0 dBmO voltage at this (B) reference point (see
Block Diagram description) is 0.49 Vrms. A tran-
scient suppressing circuitry ensure interference
noise suppression at power up.
The analog speech signal output can be routed
either to earpiece (VFR+,VFR- outputs) or to loud-
speaker (LS+, LS- outputs) by setting bits SL and
SE (1 and 0 of CR4).
Total signal delay is approximatively 190
µs (filter
plus decoding delay) plus 62.5
µs (1/2 frame)
which gives approximatively 252
µs.
Differential outputs VFR+,VFR- are intended to di-
rectly drive an earpiece. Preceding the outputs is
a programmable attenuation amplifier, which must
be set by writing to bits 4 to 7 in register CR6. At-
tenuations in the range 0 to -15 dB relative to the
maximum level in 1 dB step can be programmed.
The input of this programmable amplifier is the
summ of several signals which can be selected
by writing to register CR4.:
- Receive speech signal which has been de-
coded and filtered,
- Internally generated tone signal, (Tone ampli-
tude is programmed with bits 4 to 7 of register
CR7),
- Sidetone signal, the amplitude of which is pro-
grammed with bits 0 to 3 of register CR5
VFR+ and VFR- outputsare capable of driving output
power level up to 14mW into differentially con-
nected load impedance between 100 and 400
Ω.
Differential outputs LS+,LS- are intended to di-
rectly drive a Loudspeaker. Preceding the outputs
is a programmable attenuation amplifier, which
must be set by writing to bits 0 to 3 in register
CR6. Attenuations in the range 0 to -30 dB rela-
tive to the maximum level in 2.0 dB step can be
programmed. The input of this programmable am-
plifier can be the summ of signals which can be
selected by writing to register CR4:
- Receive speech signal which has been de-
coded and filtered,
- Internally generated tone signal, (Tone ampli-
tude is programmed with bits 4 to 7 of register
CR7),
- EAIN input which may be an alternate Ring
signal or any voice frequency band limited
signal. (An external decoupling capacitor of
about 0.1
µF is necessary).
Receive voice signal may be directed to output
HFO by means of bit HFE in Register CR4. After
processing, signal must be re-entered through in-
put HFI to Loudspeaker amplifier input. (An exter-
nal decoupling capacitor of about 0.1
µF is neces-
sary).
The output loudspeaker section has two switch-
able gains of +9dB and +27dB.
+9dB LS Gain
This gain mode is fully equivalent to PIAFE
ST5080 behaviour.
LS+ and LS- outputs are capable of driving output
power level up to 80 mW into 50
Ω differentially
connected load impedance at low distortion meet-
ing PCM channel specifications. When the signal
source is a Ring squarewave signal, power levels
up to approximatively 200 mW can be delivered.
+27dB LS Gain
Additional gain of 18dB has the purpose to in-
crease the undistorted output power up to
150mW typical with digital input DR ranging from
-12dBm0 to +3dBm0.
Output DC offset is limited by high pass filter with
35Hz cut frequency (with LS gain = +9dB cut fre-
quency = 9Hz)
Anti-acoustic feed-back for loudspeaker to hand-
set microphone loop with squelch effect: on chip
ST5088
7/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com