Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5088 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST5088
Description  PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5088 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST5088 Datasheet HTML 13Page - STMicroelectronics ST5088 Datasheet HTML 14Page - STMicroelectronics ST5088 Datasheet HTML 15Page - STMicroelectronics ST5088 Datasheet HTML 16Page - STMicroelectronics ST5088 Datasheet HTML 17Page - STMicroelectronics ST5088 Datasheet HTML 18Page - STMicroelectronics ST5088 Datasheet HTML 19Page - STMicroelectronics ST5088 Datasheet HTML 20Page - STMicroelectronics ST5088 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Table 10: Control Register CR8 Functions
7
6
54
32
10
Function
f17
f16
f15
f14
f13
f12
f11
f10
msb
lsb
Binary equivalent of the decimal number used to calculate f1
Table 11: Control Register CR9 Functions
7
6
54
32
10
Function
f27
f26
f25
f24
f23
f22
f21
f20
msb
lsb
Binary equivalent of the decimal number used to calculate f2
Table 12: Control Register CR10 Functions
7
6
54
32
10
Function
GLS ACE VT1
VT0
FD1
FD0
DFT
HFT
1
0
+27 dB into LH Path
(*) +9dB into LH Path
1
0
Anticlipping ON
(*) Anticlipping OFF
0
0
1
1
0
1
0
1
(*) -15dm0 Anticlipping Threshold
-13dm0 Anticlipping Threshold
-9dm0 Anticlipping Threshold
-7dm0 Anticlipping Threshold
0
0
1
1
0
1
0
1
(*) 256ms Gain Recovery Time Constant / (4Hz)
128ms Gain recovery Time Constant / (8Hz)
32ms Gain Recovery Time Constant / (31Hz)
16ms Gain Recovery Time Constant / (62Hz)
0
0
1
1
0
1
0
1
(*) Standard Frequency Tone Range
Halved Frequency Tone Range
Doubled Frequency Tone Range
Forbidden
(*) Default values inserted into the Register at Power On.
ST5088
17/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com