Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5088 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST5088
Description  PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5088 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST5088 Datasheet HTML 24Page - STMicroelectronics ST5088 Datasheet HTML 25Page - STMicroelectronics ST5088 Datasheet HTML 26Page - STMicroelectronics ST5088 Datasheet HTML 27Page - STMicroelectronics ST5088 Datasheet HTML 28Page - STMicroelectronics ST5088 Datasheet HTML 29Page - STMicroelectronics ST5088 Datasheet HTML 30Page - STMicroelectronics ST5088 Datasheet HTML 31Page - STMicroelectronics ST5088 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AMPLITUDE RESPONSE
Receive path
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GRAE
Receive Gain Absolute Accuracy
Receive gain programmed for
maximum
Apply 0 dBm0 PCM code to DR
Measure VFr+
-0.3
0.3
dB
GRAL
Receive Gain Absolute Accuracy
Receive gain programmed for
maximum
Apply 0 dBm0 PCM code to DR
Measure LS+
-0.6
0.6
dB
GRAGE
Receive Gain Variation with
programmed gain
Measure Earpiece Gain over
the range from Maximum to
minimum setting.
Calculate the deviation from
the programmed gain relative
to GRAE,
i.e. GRAGE =G actual -G prog. -GRAE
-0.5
0.5
dB
GRAGL
Receive Gain Variation with
programmed gain
Measure Loudspeaker Gain
over the range from Maximum
to minimum setting.
Calculate the deviation from
the programmed gain relative
to GRAL,
i.e. GRAGL =G actual -G prog. -GRAL
-1.0
1.0
dB
GRAT
Receive Gain Variation with
temperature
Measured relative to GRA. (LS
and VFr)
GR = Maximum Gain
-0.1
0.1
dB
GRAV
Receive Gain Variation with
Supply
Measured relative to GRA. (LS
and VFr)
GR = Maximum Gain
-0.1
0.1
dB
GRAF
Receive Gain Variation with
frequency
(Earpiece or Loudspeaker)
Relative to 1015,625 Hz,
multitone test technique used.
min. gain < GR < Max. gain
f = 200 Hz
f = 300 Hz to 3000 Hz
f = 3400 Hz
f = 4000 Hz
-0.3
-0.3
-0.8
0.3
0.3
0.0
-14
dB
dB
dB
dB
GRAL E
Receive Gain Variation with
signal level (Earpiece)
Sinusoidal Test Method
Reference Level = –10 dBm0
DR = 0 dBm0 to +3 dBm0
DR = -40 dBm0 to 0 dBm0
DR = -50 dBm0 to -40 dBm0
DR = -55 dBm0 to -50 dBm0
-0.25
-0.25
-0.5
-1.5
0.25
0.25
0.5
1.5
dB
dB
dB
dB
GRAL L
Receive Gain Variation with
signal level (Loudspeaker)
Sinusoidal Test Method
Reference Level = –10 dBm0
DR = 0 dBm0 to +3 dBm0
DR = -40 dBm0 to 0 dBm0
DR = -50 dBm0 to -40 dBm0
DR = -55 dBm0 to -50 dBm0
-0.25
-0.25
-0,5
-1.5
0.25
0.25
0.5
1.5
dB
dB
dB
dB
ST5088
28/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com