Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5088 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST5088
Description  PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5088 Datasheet(HTML) 1 Page - STMicroelectronics

  ST5088 Datasheet HTML 1Page - STMicroelectronics ST5088 Datasheet HTML 2Page - STMicroelectronics ST5088 Datasheet HTML 3Page - STMicroelectronics ST5088 Datasheet HTML 4Page - STMicroelectronics ST5088 Datasheet HTML 5Page - STMicroelectronics ST5088 Datasheet HTML 6Page - STMicroelectronics ST5088 Datasheet HTML 7Page - STMicroelectronics ST5088 Datasheet HTML 8Page - STMicroelectronics ST5088 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ST5088
PROGRAMMABLE AUDIO FRONT END
FOR DIGITAL PHONES AND ISDN TERMINALS
FEATURES:
Complete CODEC and FILTER system including:
PCM ANALOG TO DIGITAL AND DIGITAL TO
ANALOG CONVERTERS
POWERFUL ANALOG FRONT END CAPA-
BLE TO INTERFACE DIRECTLY:
- Microphone Dynamic or Electrete
- Earpiece down to 100
Ω or up to 150nF
- Loudspeaker down to 50
Ω or Buzzer up to
600nF.
TRANSMIT BAND-PASS FILTER
ACTIVE RC NOISE FILTER
RECEIVE LOW-PASS FILTER WITH SIN X/X
CORRECTION
MU-LAW OR A-LAW SELECTABLE COM-
PANDING CODER AND DECODER
PRECISION VOLTAGE REFERENCE
Phones Features:
DUAL SWITCHABLE MICROPHONE AMPLI-
FIER INPUTS. GAIN PROGRAMMABLE: 15
dB RANGE, 1 dB STEP.
LOUDSPEAKER AMPLIFIER OUTPUT.
SWITCHABLE MAXIMUM GAIN: +9dB/+27dB
WITH AUTOMATIC DIGITAL ANTICLIPPING
SYSTEM. aTTENUATION PROGRAMMABLE:
30dB RANGE, 2dB STEP.
SEPARATE EARPIECE AMPLIFIER OUTPUT.
ATTENUATION PROGRAMMABLE: 15 dB
RANGE, 1 dB STEP.
AUXILIARY TAPE RECORDER ANALOG IN-
TERFACE: Tx + Rx COMBINED OUTPUT.
AUXILIARY SWITCHABLE EXTERNAL RING
INPUT (EAIN).
TRANSIENT SUPRESSION SIGNAL DURING
POWER ON.
INTERNAL
PROGRAMMABLE
SIDETONE
CIRCUIT. ATTENUATION PROGRAMMABLE:
15 dB RANGE, 1 dB STEP, INDEPENDENT
FROM Rx CONTROL.
INTERNAL RING OR TONE GENERATOR IN-
CLUDING DTMF TONES, SINEWAVE OR
SQUAREWAVE
WAVEFORMS.
ATTENU-
ATION PROGRAMMABLE: 27 dB RANGE, 3
dB STEP.
RINGER CONTROL PROGRAMMABLE IN-
TERNALLY (
µP) OR EXTERNALLY (pin AT)
COMPATIBLE WITH HANDS-FREE CIRCUIT
TEA7540.
ON CHIP SWITCHABLE ANTI-ACOUSTIC
FEED-BACK CIRCUIT (ANTI-LARSEN).
General Features:
EXTENDED TEMPERATURE RANGE OP-
ERATION (*) –25
°C TO +85°C.
EXTENDED POWER SUPPLY RANGE 5V
±10%.
60 mW OPERATING POWER (TYPICAL).
1.0 mW STANDBY POWER (TYPICAL).
CMOS DIGITAL INTERFACES.
SINGLE + 5V SUPPLY.
DIGITAL LOOPBACK TEST MODE.
PROGRAMMABLE DIGITAL AND CONTROL
INTERFACES:
– Digital PCM Interface associated with
separate
serial
Control
Interface
MI-
CROWIRE
™ compatible.
– GCI interface compatible.
(*) Functionality guaranteed in the range – 25
°C to +85°C;
Timing and Electrical Specifications are guaranteed in the range
–5
°C to +70°C.
APPLICATIONS:
ISDN TERMINALS.
DIGITAL TELEPHONES
CT2 AND GSM APPLICATIONS
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
December 1999
®
ORDERING NUMBERS:
ST5088D
ST5088FN
PLCC28
SO28
1/33


Similar Part No. - ST5088

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5080 STMICROELECTRONICS-ST5080 Datasheet
347Kb / 32P
PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
Dec-1994
ST5080A STMICROELECTRONICS-ST5080A Datasheet
347Kb / 32P
PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
Dec-1994
ST5080D STMICROELECTRONICS-ST5080D Datasheet
347Kb / 32P
PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
Dec-1994
More results

Similar Description - ST5088

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5080A STMICROELECTRONICS-ST5080A Datasheet
347Kb / 32P
PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
Dec-1994
STA001 STMICROELECTRONICS-STA001 Datasheet
310Kb / 20P
RF FRONT-END FOR DIGITAL RADIO
Nov-2002
logo
List of Unclassifed Man...
YTD427 ETC-YTD427 Datasheet
172Kb / 23P
ISDN DSU Analog Front End
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
Analog Audio Front-End
logo
Vishay Siliconix
SI9121 VISHAY-SI9121 Datasheet
98Kb / 9P
High-Voltage, Non-Isolated Buck-Boost Converter for ISDN Digital Phones
19-Apr-04
logo
ams AG
AS3510 AMSCO-AS3510_04 Datasheet
875Kb / 20P
ANALOG AUDIO FRONT-END
AS1488 AMSCO-AS1488 Datasheet
875Kb / 20P
Analog Audio Front End
logo
Infineon Technologies A...
PEB24902 INFINEON-PEB24902 Datasheet
1,017Kb / 52P
Quad ISDN Echocancellation Circuit Analog Front End for Splitterless ADSL over ISDN
Rev. 1, May 2004
PEF24901 INFINEON-PEF24901 Datasheet
1Mb / 111P
Quad ISDN 4B3T Echocanceller Digital Front End
DS1, Sep. 2002
PEF24911 INFINEON-PEF24911 Datasheet
2Mb / 155P
Quad ISDN 2B1Q Echocanceller Digital Front End
DS 3, July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com