Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5088 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST5088
Description  PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5088 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST5088 Datasheet HTML 25Page - STMicroelectronics ST5088 Datasheet HTML 26Page - STMicroelectronics ST5088 Datasheet HTML 27Page - STMicroelectronics ST5088 Datasheet HTML 28Page - STMicroelectronics ST5088 Datasheet HTML 29Page - STMicroelectronics ST5088 Datasheet HTML 30Page - STMicroelectronics ST5088 Datasheet HTML 31Page - STMicroelectronics ST5088 Datasheet HTML 32Page - STMicroelectronics ST5088 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
DISTORTION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
STDx
STDr
Signal to Total Distortion
Sinusoidal Test Methode
(measured using C message
weighting Filter)
Level = 0 dBm0 to - 30 dBm0
Level = - 40 dBm0
Level = - 45 dBm0
36
29
24
dBC
dBC
dBC
SDFx
Single Frequency Distortion
transmit
0 dBm0 input signal
-46
dB
SDFr
Single Frequency Distortion
receive
0 dBm0 input signal
-46
dB
IMD
Intermodulation
Loop-around measurament
Voltage at VMIC = -4 dBm0
to -21 dBm0, 2 Frequencies in
the range 300 - 3400 Hz
-41
dB
CROSSTALK
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CTx-r
Transmit to Receive
Transmit Level = 0 dBm0,
f = 300 - 3400 Hz
DR = QuietPCM Code
-65
dB
CTr-x
Receive to Transmit
Receive Level = 0 dBm0,
f = 300 - 3400 Hz;
VMIC =0V
-65
dB
APPLICATION NOTE FOR MICROPHONE CONNECTIONS
The 4 connection modes (since the MIXED MODE is symmetrical with respect to MIC1 and MIC2) allow
one microphone at a time to be selected via the VS bit (bit 7 of Control Register CR4).
TAPE RECORDER
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GTRO RX
Receive TRO Output
DR = 0dBm0
200
245
275
mVRMS
GTRO TX
Transmit TRO Output
DX = 0dBm0
200
246
275
mVRMS
ST5088
30/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com