Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5088 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST5088
Description  PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5088 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST5088 Datasheet HTML 14Page - STMicroelectronics ST5088 Datasheet HTML 15Page - STMicroelectronics ST5088 Datasheet HTML 16Page - STMicroelectronics ST5088 Datasheet HTML 17Page - STMicroelectronics ST5088 Datasheet HTML 18Page - STMicroelectronics ST5088 Datasheet HTML 19Page - STMicroelectronics ST5088 Datasheet HTML 20Page - STMicroelectronics ST5088 Datasheet HTML 21Page - STMicroelectronics ST5088 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
CONTROL REGISTER CR0
First byte of a READ or a WRITE instruction to
Control Register CR0 is as shown in TABLE 1.
Second byte is as shown in TABLE 2.
Master Clock Frequency Selection
A master clock must be provided to PIAFE for op-
eration of filter and coding/decodingfunctions.
In COMBO I/II mode, MCLK frequency can be
either 512 kHz, 1.536 MHz, 2.048 MHz or 2.56
MHz.
Bit F1 (7) and F0 (6) must be set during initializa-
tion to select the correct internal divider.
In GCI mode, MCLK must be either 1.536MHz or
2.048MHz.
512KHz and 2.56MHz are not allowed.
Default value is 1.536 MHz for both modes.
Any clock different from the default one must be
selected prior a Power-Up instruction for both
modes.
Coding Law Selection
Bits MA (5) and IA (4) permit selection of Mu-255
law or A law coding with or without even bit inver-
sion.
After power on initialization, the Mu-255 law is se-
lected.
Digital Interface timing
Bit DN=0 (3) selects digital interface in delayed
timing mode while DN=1 selects non delayed
data timing.
In GCI mode, bit DN is not significant.
After reset and if COMBO I/II mode is selected,
delayed data timing is selected.
Digital Interface format
Bit FF=0 (2) selects digital interface in Format 1
where B1 and B2 channel are consecutive. FF=1
selects Format 2 where B1 and B2 channel are
separated by two bits. (see digital interface format
section).
In GCI mode, bit FF is not significant.
56+8 selection
Bit ’B7’ (1) selects capability for PIAFE to take
into account only the seven most significant bits
of the PCM data byte selected.
When ’B7’ is set, the LSB bit on DR is ignored and
LSB bit on DX is high impedance. This function al-
lows connection of an external ”in band” data
generator directly connected on the Digital Inter-
face.
Digital loopback
Digital loopback mode is entered by setting DL
bit(0) equal 1.
In Digital Loopback mode, data written into Re-
ceive PCM Data Register from the selected re-
ceived time-slot is read-back from that Register in
the selected transmit time-slot on DX. Time slot is
selected with Register CR1.
No PCM decoding or encoding takes place in this
mode. Transmit and Receive amplifier stages are
muted.
CONTROL REGISTER CR1
First byte of a READ or a WRITE instruction to
Control Register CR1 is as shown in TABLE 1.
Second byte is as shown in TABLE 3.
Hands-free I/Os selection
Bit HFE set to one enables HFI, HFO pins for
connection of an external handfree circuit such as
TEA 7540. HFO is an analog output that provides
the receive voice signal. 0 dBMO level on that
output is 0.491 Vrms (1.4Vpp). HFI is an analog
high impedance input (10 K
Ω typ.) intended to
send back the processed receive signal to the
Loudspeaker. 0 dBMO level on that input is
0.491Vrms.
Anti-larsen selection
Bit ALE set to one enables on-chip antilarsen and
squelch effect system.
Latch output control
Bit DO controls directly logical status of latch out-
put LO: ie, a ”ZERO” written in bit DO puts output
LO in high impedance, a ”ONE” written in bit DO
sets output LO to zero.
Mu 255 law
True A law even bit
inversion
A law without even bit
inversion
msb
lsb
msb
lsb
msb
lsb
Vin = + full scale
1
0
000000
101
01
0
1011
1111
11
Vin = 0 V
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Vin = - full scale
0
0
000000
001
01
0
1001
1111
11
MSB is always the first PCM bit shifted in or out of PIAFE.
ST5088
18/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com