Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6252 Datasheet (PDF) - STMicroelectronics

ST6252 Datasheet PDF - STMicroelectronics
Part # ST6252
Download  ST6252 Download
File Size   745.0 Kbytes
Page   68 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM

ST6252 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST6252 Datasheet PDF - STMicroelectronics

Part # ST6252
Download  ST6252 Click to download

File Size   745.0 Kbytes
Page   68 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM

ST6252 Datasheet (HTML) - STMicroelectronics


ST6252 Product details

 INTRODUCTION
The ST62T52B and ST62T62B devices is low cost members of the ST62xx 8-bit HCMOS family of microcontrollers, which is targeted at low to medium complexity applications. All ST62xx devices are based on a building block approach: a common core is surrounded by a number of on-chip peripherals.
The ST62E62B is the erasable EPROM version of the ST62T62B device, which may be used to emulate the ST62T52B and ST62T62B devices as well as the ST6252B and ST6262B ROM devices.
OTP and EPROM devices are functionally identical. The ROM based versions offer the same functionality selecting as ROM options the options defined in the programmable option byte of the OTP/EPROM versions.

■ 3.0 to 6.0V Supply Operating Range
■ 8 MHz Maximum Clock Frequency
■ -40 to +125°C Operating Temperature Range
■ Run, Wait and Stop Modes
■ 5 Interrupt Vectors
■ Look-up Table capability in Program Memory
■ Data Storage in Program Memory: User selectable size
■ Data RAM: 128 bytes
■ Data EEPROM: 64 bytes (none on ST62T52B)
■ User Programmable Options
■ 9 I/O pins, fully programmable as:
   – Input with pull-up resistor
   – Input without pull-up resistor
   – Input with interrupt generation
   – Open-drain or push-pull output
   – Analog Input
■ 5 I/O lines can sink up to 20mA to drive LEDs or TRIACs directly
■ 8-bit Timer/Counter with 7-bit programmable prescaler
■ 8-bit Auto-reload Timer with 7-bit programmable prescaler (AR Timer)
■ Digital Watchdog
■ 8-bit A/D Converter with 4 analog inputs
■ On-chip Clock oscillator can be driven by Quartz Crystal Ceramic resonator or RC network
■ User configurable Power-on Reset
■ One external Non-Maskable Interrupt
■ ST626x-EMU2 Emulation and Development System (connects to an MS-DOS PC via a parallel port)




Similar Part No. - ST6252

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6252 STMICROELECTRONICS-ST6252 Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
ST6252C STMICROELECTRONICS-ST6252C Datasheet
918Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 3.0
ST6252CB1 STMICROELECTRONICS-ST6252CB1 Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
ST6252CB3 STMICROELECTRONICS-ST6252CB3 Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
ST6252CB6 STMICROELECTRONICS-ST6252CB6 Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
More results


Similar Description - ST6252

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T30B STMICROELECTRONICS-ST62T30B Datasheet
577Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
Rev. 2.5
ST62T32B STMICROELECTRONICS-ST62T32B Datasheet
586Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
Rev. 2.5
ST62T35B STMICROELECTRONICS-ST62T35B Datasheet
617Kb / 82P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
Rev. 2.3
ST62T52C STMICROELECTRONICS-ST62T52C Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
ST62T53B STMICROELECTRONICS-ST62T53B Datasheet
540Kb / 75P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.4
ST62T55B STMICROELECTRONICS-ST62T55B Datasheet
538Kb / 74P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.4
ST62T55C STMICROELECTRONICS-ST62T55C Datasheet
564Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.7
ST6262C STMICROELECTRONICS-ST6262C Datasheet
918Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 3.0
ST62T55C STMICROELECTRONICS-ST62T55C_01 Datasheet
967Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Jul-2001
ST62T52C STMICROELECTRONICS-ST62T52C_02 Datasheet
907Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Feb-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com