Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6252 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST6252
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6252 Datasheet(HTML) 1 Page - STMicroelectronics

  ST6252 Datasheet HTML 1Page - STMicroelectronics ST6252 Datasheet HTML 2Page - STMicroelectronics ST6252 Datasheet HTML 3Page - STMicroelectronics ST6252 Datasheet HTML 4Page - STMicroelectronics ST6252 Datasheet HTML 5Page - STMicroelectronics ST6252 Datasheet HTML 6Page - STMicroelectronics ST6252 Datasheet HTML 7Page - STMicroelectronics ST6252 Datasheet HTML 8Page - STMicroelectronics ST6252 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
April 1998
1/68
R
ST62T52B
ST62T62B/E62B
8-BIT OTP/EPROM MCUs WITH
A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
s
3.0 to 6.0V Supply Operating Range
s
8 MHz Maximum Clock Frequency
s
-40 to +125°C Operating Temperature Range
s
Run, Wait and Stop Modes
s
5 Interrupt Vectors
s
Look-up Table capability in Program Memory
s
Data Storage in Program Memory:
User selectable size
s
Data RAM: 128 bytes
s
Data EEPROM: 64 bytes (none on ST62T52B)
s
User Programmable Options
s
9 I/O pins, fully programmable as:
– Input with pull-up resistor
– Input without pull-up resistor
– Input with interrupt generation
– Open-drain or push-pull output
– Analog Input
s
5 I/O lines can sink up to 20mA to drive LEDs or
TRIACs directly
s
8-bit Timer/Counter with 7-bit programmable
prescaler
s
8-bit Auto-reload Timer with 7-bit programmable
prescaler (AR Timer)
s
Digital Watchdog
s
8-bit A/D Converter with 4 analog inputs
s
On-chip Clock oscillator can be driven by Quartz
Crystal Ceramic resonator or RC network
s
User configurable Power-on Reset
s
One external Non-Maskable Interrupt
s
ST626x-EMU2 Emulation and Development
System (connects to an MS-DOS PC via a
parallel port)
DEVICE SUMMARY
(See end of Datasheet for Ordering Information)
PDIP16
PSO16
CDIP16W
DEVICE
EPROM
(Bytes)
OTP
(Bytes)
EEPROM
ST62T52B
1836
-
ST62T62B
1836
64
ST62E62B
1836
64
1
Rev. 2.4


Similar Part No. - ST6252

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6252 STMICROELECTRONICS-ST6252 Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
ST6252C STMICROELECTRONICS-ST6252C Datasheet
918Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 3.0
ST6252CB1 STMICROELECTRONICS-ST6252CB1 Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
ST6252CB3 STMICROELECTRONICS-ST6252CB3 Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
ST6252CB6 STMICROELECTRONICS-ST6252CB6 Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
More results

Similar Description - ST6252

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T30B STMICROELECTRONICS-ST62T30B Datasheet
577Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
Rev. 2.5
ST62T32B STMICROELECTRONICS-ST62T32B Datasheet
586Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
Rev. 2.5
ST62T35B STMICROELECTRONICS-ST62T35B Datasheet
617Kb / 82P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
Rev. 2.3
ST62T52C STMICROELECTRONICS-ST62T52C Datasheet
516Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 2.7
ST62T53B STMICROELECTRONICS-ST62T53B Datasheet
540Kb / 75P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.4
ST62T55B STMICROELECTRONICS-ST62T55B Datasheet
538Kb / 74P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.4
ST62T55C STMICROELECTRONICS-ST62T55C Datasheet
564Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Rev. 2.7
ST6262C STMICROELECTRONICS-ST6262C Datasheet
918Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Rev. 3.0
ST62T55C STMICROELECTRONICS-ST62T55C_01 Datasheet
967Kb / 86P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
Jul-2001
ST62T52C STMICROELECTRONICS-ST62T52C_02 Datasheet
907Kb / 78P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
Feb-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com