Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6252 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST6252
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6252 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST6252 Datasheet HTML 54Page - STMicroelectronics ST6252 Datasheet HTML 55Page - STMicroelectronics ST6252 Datasheet HTML 56Page - STMicroelectronics ST6252 Datasheet HTML 57Page - STMicroelectronics ST6252 Datasheet HTML 58Page - STMicroelectronics ST6252 Datasheet HTML 59Page - STMicroelectronics ST6252 Datasheet HTML 60Page - STMicroelectronics ST6252 Datasheet HTML 61Page - STMicroelectronics ST6252 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
58/68
ST62T52B ST62T62B/E62B
7 GENERAL INFORMATION
7.1 PACKAGE MECHANICAL DATA
Figure 27.16-Pin Plastic Dual In Line Package (B), 300-mil Width
Figure 28. 16-Pin Plastic Small Outline Package (M), 300-mil Width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A5.08
.200
A1
.508 .020
B
.381
.508.533.015.020.021
B1
.762
1.651 .030
.065
C
.203
.254.304.008.010.012
D
18.92 19.18 19.56 .745 .755 .770
D1
1.27
.050
E
7.37
7.62 7.874 .290 .300 .310
E1
5.334
.210
K1
K2
L
2.997 3.302 3.708 .118 .130 .146
e
2.286 2.54 2.794 .090 .100 .110
Number of Pins
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.286
.090
A1
.102
.305 0.004
.012
B
.381
.483 .015
.019
C
.229
.254 .009
.010
D
10.26
10.34 .404
.407
D1
-----
-
E
10.24
10.34 .403
.407
E1
7.44
7.54 .293
.297
E2
-----
-
L.832
.033
e1.27
.050
h.508
.020
alpha
5o
5o
Number of Pins
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com