Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6252 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST6252
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6252 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST6252 Datasheet HTML 30Page - STMicroelectronics ST6252 Datasheet HTML 31Page - STMicroelectronics ST6252 Datasheet HTML 32Page - STMicroelectronics ST6252 Datasheet HTML 33Page - STMicroelectronics ST6252 Datasheet HTML 34Page - STMicroelectronics ST6252 Datasheet HTML 35Page - STMicroelectronics ST6252 Datasheet HTML 36Page - STMicroelectronics ST6252 Datasheet HTML 37Page - STMicroelectronics ST6252 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
34/68
ST62T52B ST62T62B/E62B
I/O PORTS (Cont’d)
Table 12. I/O Port Option Selections
Note 1. Provided the correct configuration has been selected.
MODE
AVAILABLE ON(1)
SCHEMATIC
Input
Reset state(
Reset state if PULL-UP
option disabled
PA4-PA5
PB0, PB6-PB7
PC2-PC3
PB2-PB3,
Input
Reset state
Reset state if PULL-UP
option enabled
PA4-PA5
PB0,,PB6-PB7
PC2-PC3
PB2-PB3
Input
with pull up
with interrupt
PA4-PA5
PB0, PB2-PB3,PB6-PB7
PC2-PC3
Analog Input
PA4-PA5
PC2-PC3
Open drain output
5mA
Open drain output
20mA
PA4-PA5
PC2-PC3
PB0, PB2-PB3,PB6-PB7
Push-pull output
5mA
Push-pull output
20mA
PA4-PA5
PC2-PC3
PB0, PB2-PB3,PB6-PB7
Data in
Interrupt
Data in
Interrupt
Data in
Interrupt
Data out
ADC
Data out
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com