Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6252 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST6252
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6252 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST6252 Datasheet HTML 6Page - STMicroelectronics ST6252 Datasheet HTML 7Page - STMicroelectronics ST6252 Datasheet HTML 8Page - STMicroelectronics ST6252 Datasheet HTML 9Page - STMicroelectronics ST6252 Datasheet HTML 10Page - STMicroelectronics ST6252 Datasheet HTML 11Page - STMicroelectronics ST6252 Datasheet HTML 12Page - STMicroelectronics ST6252 Datasheet HTML 13Page - STMicroelectronics ST6252 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
10/68
ST62T52B ST62T62B/E62B
MEMORY MAP (Cont’d)
1.3.6
Data
RAM/EEPROM
Bank
Register
(DRBR)
Address: E8h
—
Write only
Bit 7-5 = These bits are not used
Bit 4 - DRBR4. This bit, when set, selects RAM
Page 2.
Bit 1-3. Not used
Bit 0. DRBR0. This bit, when set, selects EEP-
ROM page 0.
The selection of the bank is made by program-
ming the Data RAM Bank Switch register (DRBR
register) located at address E8h of the Data
Space according to Table 1. No more than one
bank should be set at a time.
The DRBR register can be addressed like a RAM
Data Space at the address E8h; nevertheless it is
a write only register that cannot be accessed with
single-bit operations. This register is used to se-
lect the desired 64-byte RAM bank of the Data
Space. The number of banks has to be loaded in
the DRBR register and the instruction has to point
to the selected location as if it was in bank 0 (from
00h address to 3Fh address).
This register is not cleared during the MCU initial-
ization, therefore it must be written before the first
access to the Data Space bank region. Refer to
the Data Space description for additional informa-
tion. The DRBR register is not modified when an
interrupt or a subroutine occurs.
Notes :
Care is required when handling the DRBR register
as it is write only. For this reason, it is not allowed
to change the DRBR contents while executing in-
terrupt service routine, as the service routine can-
not save and then restore its previous content. If it
is impossible to avoid the writing of this register in
interrupt service routine, an image of this register
must be saved in a RAM location, and each time
the program writes to DRBR it must write also to
the image register. The image register must be
written first, so if an interrupt occurs between the
two instructions the DRBR is not affected.
In DRBR Register, only 1 bit must be set. Other-
wise two or more pages are enabled in parallel,
producing errors.
Table 3. Data RAM Bank Register Set-up
70
--
-
DRBR
4
---
DRBR
0
DRBR
ST62T52B
ST62T62B
00
None
None
01
Not available
EEPROM page 0
02
Not Available
Not Available
08
Not available
Not available
10h
RAM Page 2
RAM Page 2
other
Reserved
Reserved
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com