Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K Datasheet (PDF) - STMicroelectronics

ST72141K Datasheet PDF - STMicroelectronics
Part # ST72141K
Download  ST72141K Download
File Size   1494.26 Kbytes
Page   132 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE

ST72141K Datasheet (PDF)

Go To PDF Page Download Datasheet
ST72141K Datasheet PDF - STMicroelectronics

Part # ST72141K
Download  ST72141K Click to download

File Size   1494.26 Kbytes
Page   132 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE

ST72141K Datasheet (HTML) - STMicroelectronics


ST72141K Product details

GENERAL DESCRIPTION
INTRODUCTION
The ST72141K devices are members of the ST7 microcontroller family designed specifically for motor control applications and including A/D conversion and SPI interface capabilities. They include an on-chip Moter Controller peripheral for control of electric brushless moters with or without sensors. An example application, for 6-step control of a Permanent Magnet DC motor, is shown in Figure 1.

■ Memories
    – 8K Program memory (ROM/OTP/EPROM)
    – 256 Bytes RAM
■ Clock, Reset and Supply Management
    – Enhanced reset system
    – Low voltage supply supervisor
    – 3 Power saving modes
■ 14 I/O Ports
    – 14 multifunctional bidirectional I/O lines with: External interrupt capability (2 vectors), 13 alternate function lines, 3 high sink outputs
■ Motor Control peripheral
    – 6 PWM output channels
    – Emergency pin to force outputs to HiZ state
    – 3 analog inputs for rotor position detection with no need for additional sensors
    – Comparator for current limitation
■ 3 Timers
    – Two 16-bit timers with: 2 input captures, 2 output compares, external clock input, PWM and Pulse generator modes
    – Watchdog timer for system integrity
■ Communications Interface
    – SPI synchronous serial interface
■ Analog Peripheral
    – 8-bit ADC with 8 input pins
■ Instruction Set
    – 8-bit data manipulation
    – 63 basic instructions
    – 17 main addressing modes
    – 8 x 8 unsigned multiply instruction
    – True bit manipulation
■ Development Tools
    – Full hardware/software development package




Similar Part No. - ST72141K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72141K2 STMICROELECTRONICS-ST72141K2 Datasheet
111Kb / 4P
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
ST72141K2-AUTO STMICROELECTRONICS-ST72141K2-AUTO Datasheet
3Mb / 131P
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
23-Nov-2007
More results


Similar Description - ST72141K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
Rev. 2.2
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.9
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
Rev 11
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.6
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Sep-1999
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Apr-2003
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
Nov-2000
ST72141K2-AUTO STMICROELECTRONICS-ST72141K2-AUTO Datasheet
3Mb / 131P
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
23-Nov-2007
ST7MC1XX STMICROELECTRONICS-ST7MC1XX Datasheet
4Mb / 309P
8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
Apr-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com