Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72141K
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K Datasheet(HTML) 1 Page - STMicroelectronics

  ST72141K Datasheet HTML 1Page - STMicroelectronics ST72141K Datasheet HTML 2Page - STMicroelectronics ST72141K Datasheet HTML 3Page - STMicroelectronics ST72141K Datasheet HTML 4Page - STMicroelectronics ST72141K Datasheet HTML 5Page - STMicroelectronics ST72141K Datasheet HTML 6Page - STMicroelectronics ST72141K Datasheet HTML 7Page - STMicroelectronics ST72141K Datasheet HTML 8Page - STMicroelectronics ST72141K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
Rev. 1.8
October 2001
1/132
ST72141K
8-BIT MCU WITH ELECTRIC-MOTOR CONTROL,
ADC, 16-BIT TIMERS, SPI INTERFACE
s
Memories
– 8K Program memory
(ROM/OTP/EPROM)
– 256 Bytes RAM
s
Clock, Reset and Supply Management
– Enhanced reset system
– Low voltage supply supervisor
– 3 Power saving modes
s
14 I/O Ports
– 14 multifunctional bidirectional I/O lines with:
External interrupt capability (2 vectors), 13 al-
ternate function lines, 3 high sink outputs
s
Motor Control peripheral
– 6 PWM output channels
– Emergency pin to force outputs to HiZ state
– 3 analog inputs for rotor position detection
with no need for additional sensors
– Comparator for current limitation
s
3 Timers
– Two 16-bit timers with: 2 input captures, 2 out-
put compares, external clock input, PWM and
Pulse generator modes
– Watchdog timer for system integrity
s
Communications Interface
– SPI synchronous serial interface
s
Analog Peripheral
– 8-bit ADC with 8 input pins
s
Instruction Set
– 8-bit data manipulation
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
s
Development Tools
– Full hardware/software development package
Device Summary
SDIP32
SO34S
Features
ST72141K2
Program memory - bytes
8K
RAM (stack) - bytes
256 (64)
Peripherals
Motor control,
Watchdog, Two 16-bit timers,
SPI, ADC
Operating Supply
4V to 5.5V
CPU Frequency
4 or 8 MHz (with 8 or 16 MHz oscillator)
Operating Temperature
-40°C to +85°C / -40°C to +125°C
Packages
SO34 / SDIP32
1


Similar Part No. - ST72141K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72141K2 STMICROELECTRONICS-ST72141K2 Datasheet
111Kb / 4P
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
ST72141K2-AUTO STMICROELECTRONICS-ST72141K2-AUTO Datasheet
3Mb / 131P
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
23-Nov-2007
More results

Similar Description - ST72141K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
Rev. 2.2
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.9
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
Rev 11
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.6
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Sep-1999
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Apr-2003
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
Nov-2000
ST72141K2-AUTO STMICROELECTRONICS-ST72141K2-AUTO Datasheet
3Mb / 131P
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
23-Nov-2007
ST7MC1XX STMICROELECTRONICS-ST7MC1XX Datasheet
4Mb / 309P
8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com