Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST72141K
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST72141K Datasheet HTML 57Page - STMicroelectronics ST72141K Datasheet HTML 58Page - STMicroelectronics ST72141K Datasheet HTML 59Page - STMicroelectronics ST72141K Datasheet HTML 60Page - STMicroelectronics ST72141K Datasheet HTML 61Page - STMicroelectronics ST72141K Datasheet HTML 62Page - STMicroelectronics ST72141K Datasheet HTML 63Page - STMicroelectronics ST72141K Datasheet HTML 64Page - STMicroelectronics ST72141K Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 132 page
background image
ST72141K
61/132
MOTOR CONTROLLER (Cont’d)
The measurement window frequency can be pro-
grammed between 195Hz and 25KHz by the
means of the SA[3:0] bits in the MPRSR register.
In sensorless mode this measurement window can
be used to detect either End of Demagnetization
or BEMF zero crossing events. Its width can be
defined between 5
µs and 30µs in sensorless
mode by the OT[1:0] bits in the MPOL register. In
sensor mode (SR=1) this off time is fixed at
1.25
µs.
Table 22. Off-Time Table
Table 23. Sampling Frequency Selection
Figure 38. Sampling clock generation block
OT1
bit
OT0
bit
Off-Time
Sensorless Mode
(SR bit=0)
Off-Time
Sensor Mode
(SR bit =1)
00
5
µs
1.25
µs
0
1
10
µs
1
0
15
µs
1
1
30
µs
SA3
SA2
SA1
SA0
Sampling Frequency
0000
25.0 KHz
0001
20.0 KHz
0010
18.1 KHz
0011
15.4 KHz
0100
12.5 KHz
0101
10.0 KHz
0110
6.25 KHz
0111
3.13 KHz
1000
1.56 KHz
1001
1.25 KHz
1010
1.14 KHz
1011
961 Hz
1100
781 Hz
1101
625 Hz
1110
390 Hz
1111
195 Hz
Frequency logic
4 MHz1
Off-Time logic
S
Q
R
4
SA[3:0] bits
2
OT[1:0] bits
Toff
Tsampling
(1) The MTC controller input frequency must always be 4 MHz,
whatever the crystal frequency is. The appropriate internal
frequency can be selected in the Miscellaneous register.
MPRSR Register
MPOL Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com