Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST72141K
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST72141K Datasheet HTML 70Page - STMicroelectronics ST72141K Datasheet HTML 71Page - STMicroelectronics ST72141K Datasheet HTML 72Page - STMicroelectronics ST72141K Datasheet HTML 73Page - STMicroelectronics ST72141K Datasheet HTML 74Page - STMicroelectronics ST72141K Datasheet HTML 75Page - STMicroelectronics ST72141K Datasheet HTML 76Page - STMicroelectronics ST72141K Datasheet HTML 77Page - STMicroelectronics ST72141K Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 132 page
background image
ST72141K
74/132
MOTOR CONTROLLER (Cont’d)
Table 37. MTC Register Map and Reset Values
Address
(Hex.)
Register
Name
76
5
4
32
10
0060h
MTIM
Reset Value
T7
0
T6
0
T5
0
T4
0
T3
0
T2
0
T1
0
T0
0
0061h
MZPRV
Reset Value
ZP7
0
ZP6
0
ZP5
0
ZP4
0
ZP3
0
ZP2
0
ZP1
0
ZP0
0
0062h
MZREG
Reset Value
ZC7
0
ZC6
0
ZC5
0
ZC4
0
ZC3
0
ZC2
0
ZC1
0
ZC0
0
0063h
MCOMP
Reset Value
DC7
0
DC6
0
DC5
0
DC4
0
DC3
0
DC2
0
DC1
0
DC0
0
0064h
MDREG
Reset Value
DN7
0
DN6
0
DN5
0
DN4
0
DN3
0
DN2
0
DN1
0
DN0
0
0065h
MWGHT
Reset Value
AN7
0
AN6
0
AN5
0
AN4
0
AN3
0
AN2
0
AN1
0
AN0
0
0066h
MPRSR
Reset Value
SA3
0
SA2
0
SA1
0
SA0
0
ST3
0
ST2
0
ST1
0
ST0
0
0067h
MIMR
Reset Value
HST
0
CL
0
RIM
0
OIM
0
EIM
0
ZIM
0
DIM
0
CIM
0
0068h
MISR
Reset Value
0
RPI
0
RMI
0
OI
0
EI
0
ZI
0
DI
0
CI
0
0069h
MCRA
Reset Value
MOE
0
RST
0
SR
0
DAC
0
V0C1
0
SWA
0
CFF
0
DCB
0
006Ah
MCRB
Reset Value
VR1
0
VR0
0
CPB
0
HDM
0
SDM
0
OS2
0
OS1
0
OS0
0
006Bh
MPHST
Reset Value
IS1
0
IS0
0
OO5
0
OO4
0
OO3
0
OO2
0
OO1
0
OO0
006Ch
MPAR
Reset Value
ZVD
0
REO
0
OE5
0
OE4
0
OE3
0
OE2
0
OE1
0
OE0
0
006Dh
MPOL
Reset Value
OT1
0
OT0
0
OP5
0
OP4
0
OP3
0
OP2
0
OP1
0
OP0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com