Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST72141K
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST72141K Datasheet HTML 36Page - STMicroelectronics ST72141K Datasheet HTML 37Page - STMicroelectronics ST72141K Datasheet HTML 38Page - STMicroelectronics ST72141K Datasheet HTML 39Page - STMicroelectronics ST72141K Datasheet HTML 40Page - STMicroelectronics ST72141K Datasheet HTML 41Page - STMicroelectronics ST72141K Datasheet HTML 42Page - STMicroelectronics ST72141K Datasheet HTML 43Page - STMicroelectronics ST72141K Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 132 page
background image
ST72141K
40/132
8 ON-CHIP PERIPHERALS
8.1 MOTOR CONTROLLER (MTC)
8.1.1 Introduction
The ST7 Motor Controller (MTC) can be seen as a
Pulse Width Modulator multiplexed on six output
channels,
and
a
Back
Electromotive
Force
(BEMF) zero-crossing detector for sensorless con-
trol of Permanent Magnet Direct Current (PMDC)
brushless motors.
The MTC is particularly suited to driving synchro-
nous motors and supports operating modes like:
– Commutation step control with motor voltage
regulation and current limitation
– Commutation step control with motor current
regulation, i.e. direct torque control
– Sensor or sensorless motor phase commutation
control
– BEMF zero-crossing detection with high sensitiv-
ity. The integrated phase voltage comparator is
directly referred to the full BEMF voltage without
any attenuation. A BEMF voltage down to
200 mV can be detected, providing high noise
immunity and self-commutated operation in a
large speed range.
– Realtime motor winding demagnetization detec-
tion for fine-tuning the phase voltage masking
time to be applied before BEMF monitoring.
– Automatic and programmable delay between
BEMF zero-crossing detection and motor phase
commutation.
8.1.2 Main Features
s
Two on-chip analog comparators, one for BEMF
zero-crossing detection with 100 mV hysteresis,
the other for current regulation or limitation
s
Four selectable reference voltages for the
hysteresis comparator (0.2 V, 0.6 V, 1.2 V,
2.5 V)
s
8-bit timer (MTIM) with two compare registers
and two capture features
s
Measurement window generator for BEMF
zero-crossing detection
s
Auto-calibrated prescaler with 16 division steps
s
8x8-bit multiplier
s
Phase input multiplexer
s
Sophisticated output management:
– The six output channels can be split into two
groups (odd & even).
– The PWM signal can be multiplexed on even,
odd or both groups, alternatively or simultane-
ously.
– The output polarity is programmable channel
by channel.
– An software enabled bit (active low) forces the
outputs in HiZ.
– An “emergency stop” input pin (active low)
asynchronously forces the outputs in HiZ.
Table 10. MTC Registers
8.1.3 Application Example
This example shows a six-step command se-
quence for a 3-phase permanent magnet DC
brushless motor (PMDC motor). Figure 27 shows
the phase steps and voltage, while Table 11
shows the relevant phase configurations.
To run this kind of motor efficiently, an autoswitch-
ing mode has to be used, i.e. the position of the ro-
tor must self-generate the powered winding com-
mutation. The BEMF zero crossing (Z event) on
the non-excited winding is used by the MTC as a
rotor position sensor. The delay between this
event and the commutation is computed by the
MTC and the commutation event Cn is automati-
cally generated after this delay.
After the commutation occurs, the MTC waits until
the winding is completely demagnetized by the
free-wheeling diode: during this phase the winding
is tied to 0V or to the HV high voltage rail and no
BEMF can be read. At the end of this phase a new
BEMF zero-crossing detection is enabled.
The end of demagnetization event (D), is also de-
tected by the MTC or simulated with a timer com-
pare feature when no detection is possible.
Register Description
Page
MTIM
Timer Counter Register
67
MZPRV
Capture Zn-1 Register
67
MZREG
Capture Zn Register
67
MCOMP Compare Cn+1 Register
67
MDREG
Demagnetization Register
67
MWGHT An Weight Register
67
MPRSR
Prescaler & Sampling Register
67
MIMR
Interrupt Mask Register
68
MISR
Interrupt Status Register
68
MCRA
Control Register A
69
MCRB
Control Register B
70
MPHST
Phase State Register
71
MPAR
Parity Register
71
MPOL
Polarity Register
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com