Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST72141K
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST72141K Datasheet HTML 66Page - STMicroelectronics ST72141K Datasheet HTML 67Page - STMicroelectronics ST72141K Datasheet HTML 68Page - STMicroelectronics ST72141K Datasheet HTML 69Page - STMicroelectronics ST72141K Datasheet HTML 70Page - STMicroelectronics ST72141K Datasheet HTML 71Page - STMicroelectronics ST72141K Datasheet HTML 72Page - STMicroelectronics ST72141K Datasheet HTML 73Page - STMicroelectronics ST72141K Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 132 page
background image
ST72141K
70/132
MOTOR CONTROLLER (Cont’d)
Table 31. Multiplier Result
CONTROL REGISTER B (MCRB)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = VR[1:0]:
BEMF/demagnetization Refer-
ence threshold
These bits select the VREF value as shown in the
following table.
Bit 5 = CPB*:
Compare Bit for Zero-crossing de-
tection.
0: Zero crossing detection on falling edge
1: Zero crossing detection on rising edge
Bit 4 = HDM*:
Hardware Demagnetization event
Mask bit
0: Hardware Demagnetization disabled
1: Hardware Demagnetization enabled
Bit 3 = SDM*:
Software Demagnetization event
Mask bit
0: Software Demagnetization disabled
1: Software Demagnetization enabled
Bits 2:0 = OS2*,OS[1:0]:
Operating output mode
Selection bits
Refer to the Step behaviour diagrams (Figure 40,
Figure 41, Figure 42) and Table 32.
These bits are used to configure the various PWM
output configurations.
Note: The OS2 bit is the only one with a preload
register.
Table 32. Step Behaviour Summary
Note: For more details, see Step behaviour dia-
grams (Figure 40, Figure 41, and Figure 42).
* Preload bits, new value taken into account at
next C event.
DCB bit
Commutation Delay
0
MCOMP = MWGHT x MZPRV / 32
1
MCOMP = MWGHT x MZREG / 32
70
VR1
VR0
CPB*
HDM*
SDM*
OS2*
OS1
OS0
VR1
VR0
VREF Voltage threshold
0
0
0.2V
0
1
0.6V
1
0
1.2V
1
1
2.5V
Mode
OS2
bit
PWM after C
and before D
OS
[1:0]
bits
PWM after D and
before C
0
Same as
after D and
before C
00
On even
channels
01
On odd
channels
10
Continuous
11
All active
channels
1
Alternate
00
On even
channels
01
On odd
channels
10
Alternate odd/even
11
All active
channels
x
Unused
00
On even
channels
01
On odd
channels
10
Alternate odd/even
11
All active
channels
0
On even
Channels
00
On even
channels
01
On odd
channels
10
Alternate odd/even
11
All active
channels
1
On odd
channels
00
On even
channels
01
On odd
channels
10
Alternate odd/even
11
All active
channels
x
Unused
00
On even
channels
01
On odd
channels
10
Alternate odd/even
11
All active
channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com