Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST72141K
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST72141K Datasheet HTML 23Page - STMicroelectronics ST72141K Datasheet HTML 24Page - STMicroelectronics ST72141K Datasheet HTML 25Page - STMicroelectronics ST72141K Datasheet HTML 26Page - STMicroelectronics ST72141K Datasheet HTML 27Page - STMicroelectronics ST72141K Datasheet HTML 28Page - STMicroelectronics ST72141K Datasheet HTML 29Page - STMicroelectronics ST72141K Datasheet HTML 30Page - STMicroelectronics ST72141K Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 132 page
background image
ST72141K
27/132
INTERRUPTS (Cont’d)
Table 4. Interrupt Mapping
N°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT
Address
Vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software Interrupt
no
FFFCh-FFFDh
0
Not used
FFFAh-FFFBh
1
EI0
External Interrupt Port A7..0 (C5..0*)
N/A
yes
FFFAh-FFFBh
2
EI1
External Interrupt Port B7..0 (C5..0*)
yes
FFF8h-FFF9h
3
MTC
Motor Control Interrupt (events: R, Z)
MISR
no
FFF4h-FFF5h
4
Motor Control Interrupt (events: C, D)
no
FFF2h-FFF3h
5
Motor Control Interrupt (events: E, O)
no
FFF0h-FFF1h
6
SPI
SPI Peripheral Interrupts
SPISR
no
FFEEh-FFEFh
7
TIMER A
TIMER A Peripheral Interrupts
TASR
no
FFECh-FFEDh
8
TIMER B
TIMER B Peripheral Interrupts
TBSR
no
FFEAh-FFEBh
9
Not used
FFE8h-FFE9h
10
Not used
FFE6h-FFE7h
11
Not used
FFE4h-FFE5h
12
Not Used
FFE2h-FFE3h
13
Not Used
FFE0h-FFE1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com