Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST72141K
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K Datasheet(HTML) 5 Page - STMicroelectronics

  ST72141K Datasheet HTML 1Page - STMicroelectronics ST72141K Datasheet HTML 2Page - STMicroelectronics ST72141K Datasheet HTML 3Page - STMicroelectronics ST72141K Datasheet HTML 4Page - STMicroelectronics ST72141K Datasheet HTML 5Page - STMicroelectronics ST72141K Datasheet HTML 6Page - STMicroelectronics ST72141K Datasheet HTML 7Page - STMicroelectronics ST72141K Datasheet HTML 8Page - STMicroelectronics ST72141K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 132 page
background image
ST72141K
5/132
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST72141K devices are members of the ST7
microcontroller family designed specifically for mo-
tor control applications and including A/D conver-
sion and SPI interface capabilities. They include
an on-chip Moter Controller peripheral for control
of electric brushless moters with or without sen-
sors. An example application, for 6-step control of
a Permanent Magnet DC motor, is shown in Figure
1.
The ST72141K devices are based on a common
industry-standard 8-bit core, featuring an en-
hanced instruction set.
Under software control, they can be placed in
WAIT, SLOW, or HALT mode, reducing power
consumption when the application is in idle or
standby state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and
indirect addressing
modes.
Figure 1. Example of a 6-step-controlled Motor
Figure 2. Device Block Diagram
0
1
2
3
4
5
A
B
C
Net
Step
Σ
1
Σ
2
Σ
3
Σ
4
Σ
5
Σ
6
Σ
1
Σ
2
Σ
3
C
A
B
300V
4
1
I4
I1
I3
I6
I2
I5
300V
150V
0
300V
150V
0
300V
150V
0
ST7
MTC
MCO5-0
MCIB
MCIA
MCIC
2
0
3
5
6
8-BIT CORE
ALU
OSC1
OSC2
RESET
MOTOR CTRL
TIMER B
TIMER A
PORT B
WATCHDOG
MCO5:0
OSC
Internal
CLOCK
CONTROL
256b-RAM
PA7:0
VSS
VDD
POWER
SUPPLY
8K-EPROM
PORT A
8-BIT ADC
SPI
OC1A
MCIA:C
MCES
MCCFI
PB5:0
DIV
LVD
(6-BIT)
(8-BIT)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com