Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72141K Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST72141K
Description  8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72141K Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST72141K Datasheet HTML 56Page - STMicroelectronics ST72141K Datasheet HTML 57Page - STMicroelectronics ST72141K Datasheet HTML 58Page - STMicroelectronics ST72141K Datasheet HTML 59Page - STMicroelectronics ST72141K Datasheet HTML 60Page - STMicroelectronics ST72141K Datasheet HTML 61Page - STMicroelectronics ST72141K Datasheet HTML 62Page - STMicroelectronics ST72141K Datasheet HTML 63Page - STMicroelectronics ST72141K Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 132 page
background image
ST72141K
60/132
MOTOR CONTROLLER (Cont’d)
8.1.4.3 PWM Manager
The PWM manager controls the motor via the six
output channels in voltage mode or current mode
depending on the V0C1 bit in the MCRA register.
A block diagram of this part is given in Figure 37.
Voltage Mode
In Voltage mode (V0C1 bit = ”0”), the PWM is gen-
erated by the 16-bit A Timer.
Its duty cycle is programmed by software (refer to
the chapter on the 16-bit Timer) as required by the
application (speed regulation for example).
The current comparator is used for safety purpos-
es as a current limitation. For this feature, the de-
tected current must be present on the MCCFI pin
and the current limitation must be present on pin
OCP1A. This current limitation is fixed by a voltage
reference depending on the maximum current ac-
ceptable for the motor. This current limitation is
generated with the VDD voltage by means of an
external divider but can also be adjusted with an
external reference voltage (
≤ 3.7 V). The external
components are adjusted by the user depending
on the application needs. In Voltage mode, it is
mandatory to set a current limitation.
In sensorless mode the BEMF zero crossing is
done during the PWM off time.
The PWM signal is directed to the channel manag-
er that connects it to the programmed outputs
(See Figure 39).
Current Mode
In current mode, the PWM output signal is gener-
ated by a combination of the output of the meas-
urement window generator (see Figure 38) and
the output of the current comparator, and is direct-
ed to the output channel manager as well (Figure
39).
The current reference is provided to the compara-
tor by the PWM output of the 16-bit Timer (0.25%
accuracy), filtered through a RC filter (external ca-
pacitor on pin OCP1A and an internal voltage di-
vider 30K and 70K).
The detected current input must be present on the
MCCFI pin.
To avoid spurious commutations due to parasitic
noise after switching on the PWM, a 2.5-µs filter
can be applied on the comparator output by set-
ting the CFF bit in the MCRB register.
The On state of the resulting PWM starts at the
end of the measurement window (rising edge),
and ends either at the beginning of the next meas-
urement window (falling edge), or when the cur-
rent level is reached.
Figure 37. Current Feedback
MCCFI
2.5-
µs Filter
VCREF
R1
R2
16-bit Timer - PWM
OCP1A
CEXT
Common Mode = VDD - (1,4...1,0)V
VCREF MAX = VDD - 1,3 V
Power down mode
To Phase State
V0C1 bit
CFF bit
Sampling frequency
+
-
Control
MCRA Register
MCRA
(V)
R1ext
R2ext
VDD
(V)
(I)
(I)
Register
LEGEND:
(I): Current mode
(V): Voltage mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com