Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet (PDF) - STMicroelectronics

ST7265X Datasheet PDF - STMicroelectronics
Part # ST7265X
Download  ST7265X Download
File Size   2089.72 Kbytes
Page   166 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI

ST7265X Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7265X Datasheet PDF - STMicroelectronics

Part # ST7265X
Download  ST7265X Click to download

File Size   2089.72 Kbytes
Page   166 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI

ST7265X Datasheet (HTML) - STMicroelectronics


ST7265X Product details

INTRODUCTION
The ST7265x MCU supports volume data exchange with a host (computer or kiosk) via a full speed USB interface. The MCU is capable of handling various transfer protocols, with a particular emphasis on mass storage applications.

■ Memories
    – Up to 32K of ROM or High Density Flash (HDFlash) program memory with read/write protection
    – For HDFlash devices, In-Application Programming (IAP) via USB and In-Circuit programming (ICP)
    – Up to 5 Kbytes of RAM with up to 256 bytes stack
■ Clock, Reset and Supply Management
    – PLL for generating 48 MHz USB clock using a 12 MHz crystal
    – Low Voltage Reset (except on E suffix devices)
    – Dual supply management: analog voltage detector on the USB power line to enable smart power switching from USB power to battery (on E suffix devices).
    – Programmable Internal Voltage Regulator for Memory cards (2.8V to 3.5V) supplying: Flash Card I/O lines (voltage shifting) Up to 50 mA for Flash card supply
    – Clock-out capability
■ 47 programmable I/O lines
    – 15 high sink I/Os (8mA @0.6V / 20mA@1.3V)
    – 5 true open drain outputs
    – 24 lines programmable as interrupt inputs
■ USB (Universal Serial Bus) Interface
    – with DMA for full speed bulk applications compliant with USB 12 Mbs specification (version 2.0 compliant)
    – On-Chip 3.3V USB voltage regulator and transceivers with software power-down
    – 5 USB endpoints: 1 control endpoint 2 IN endpoints supporting interrupt and bulk 2 OUT endpoints supporting interrupt and bulk
    – Hardware conversion between USB bulk packets and 512-byte blocks
    (Continue ...)




Similar Part No. - ST7265X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7260 STMICROELECTRONICS-ST7260 Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260E1M1/XXX STMICROELECTRONICS-ST7260E1M1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260E2M1/XXX STMICROELECTRONICS-ST7260E2M1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260K1U1/XXX STMICROELECTRONICS-ST7260K1U1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260K2U1/XXX STMICROELECTRONICS-ST7260K2U1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
More results


Similar Description - ST7265X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST7SCR STMICROELECTRONICS-ST7SCR Datasheet
1Mb / 102P
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
Full Speed USB Flash MCU Family
logo
STMicroelectronics
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7SCR STMICROELECTRONICS-ST7SCR_07 Datasheet
2Mb / 101P
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
23-Apr-2007
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R Datasheet
483Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
October 23, 2009
HT82A520R HOLTEK-HT82A520R_10 Datasheet
513Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
January 14, 2011
HT66FB540 HOLTEK-HT66FB540 Datasheet
6Mb / 245P
A/D Flash USB 8-Bit MCU with SPI
April 03, 2013
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
I/O Flash USB 8-Bit MCU with SPI
June 10, 2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com