Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 1 Page - STMicroelectronics

  ST7265X Datasheet HTML 1Page - STMicroelectronics ST7265X Datasheet HTML 2Page - STMicroelectronics ST7265X Datasheet HTML 3Page - STMicroelectronics ST7265X Datasheet HTML 4Page - STMicroelectronics ST7265X Datasheet HTML 5Page - STMicroelectronics ST7265X Datasheet HTML 6Page - STMicroelectronics ST7265X Datasheet HTML 7Page - STMicroelectronics ST7265X Datasheet HTML 8Page - STMicroelectronics ST7265X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 166 page
background image
June 2003
1/166
This is preliminary information on a new product. Details are subject to change without notice.
Rev. 2.3
ST7265x
LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K
FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
DATASHEET
s
Memories
– Up to 32K of ROM or High Density Flash (HD-
Flash) program memory with read/write pro-
tection
– For HDFlash devices, In-Application Pro-
gramming (IAP) via USB and In-Circuit pro-
gramming (ICP)
– Up to 5 Kbytes of RAM with up to 256 bytes
stack
s
Clock, Reset and Supply Management
– PLL for generating 48 MHz USB clock using a
12 MHz crystal
– Low Voltage Reset (except on E suffix devic-
es)
– Dual supply management: analog voltage de-
tector on the USB power line to enable smart
power switching from USB power to battery
(on E suffix devices).
– Programmable Internal Voltage Regulator for
Memory cards (2.8V to 3.5V) supplying:
Flash Card I/O lines (voltage shifting)
Up to 50 mA for Flash card supply
– Clock-out capability
s
47 programmable I/O lines
– 15 high sink I/Os (8mA @0.6V / 20mA@1.3V)
– 5 true open drain outputs
– 24 lines programmable as interrupt inputs
s
USB (Universal Serial Bus) Interface
– with DMA for full speed bulk applications com-
pliant with USB 12 Mbs specification (version
2.0 compliant)
– On-Chip 3.3V USB voltage regulator and
transceivers with software power-down
– 5 USB endpoints:
1 control endpoint
2 IN endpoints supporting interrupt and bulk
2 OUT endpoints supporting interrupt and
bulk
– Hardware conversion between USB bulk
packets and 512-byte blocks
s
Mass Storage Interface
– DTC (Data Transfer Coprocessor): Universal
Serial/Parallel communications interface, with
software plug-ins for current and future proto-
col standards:
Compact Flash - Multimedia Card -
Secure Digital Card - SmartMediaCard -
Sony Memory Stick - NAND Flash -
ATA Peripherals
s
2 Timers
– Configurable Watchdog for system reliability
– 16-bit Timer with 2 output compare functions.
s
2 Communication Interfaces
– SPI synchronous serial interface
–I2C Single Master Interface up to 400 KHz
s
D/A and A/D Peripherals
– PWM/BRM Generator (with 2 10-bit PWM/
BRM outputs)
– 8-bit A/D Converter (ADC) with 8 channels
s
Instruction Set
– 8-bit data manipulation
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
s
Development Tools
– Full hardware/software development package
Device Summary
TQFP64 10x10
TQFP48
SO34 shrink
Features
ST72651
ST72F651
ST72652
Program memory
32K ROM
32K FLASH
16K ROM
User RAM (stack) - bytes
5K (256)
512 (256)
Peripherals
USB, DTC, Timer, ADC, SPI, I2C, PWM, WDT
USB, DTC, WDT
Operating Supply
Dual 2.7V to 5.5V or
4.0V to 5.5V (for USB)
Dual 3.0V to 5.5V or
4.0V to 5.5V (for USB)
Single 4.0V to 5.5V
Package
TQFP64 (10 x10)
TQFP64 (10 x10) / TQFP48 (7x7) / SO34
Operating Temperature
0°C to +70°C
1


Similar Part No. - ST7265X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7260 STMICROELECTRONICS-ST7260 Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260E1M1/XXX STMICROELECTRONICS-ST7260E1M1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260E2M1/XXX STMICROELECTRONICS-ST7260E2M1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260K1U1/XXX STMICROELECTRONICS-ST7260K1U1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7260K2U1/XXX STMICROELECTRONICS-ST7260K2U1/XXX Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
More results

Similar Description - ST7265X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST7SCR STMICROELECTRONICS-ST7SCR Datasheet
1Mb / 102P
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
Full Speed USB Flash MCU Family
logo
STMicroelectronics
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7SCR STMICROELECTRONICS-ST7SCR_07 Datasheet
2Mb / 101P
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
23-Apr-2007
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R Datasheet
483Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
October 23, 2009
HT82A520R HOLTEK-HT82A520R_10 Datasheet
513Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
January 14, 2011
HT66FB540 HOLTEK-HT66FB540 Datasheet
6Mb / 245P
A/D Flash USB 8-Bit MCU with SPI
April 03, 2013
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
I/O Flash USB 8-Bit MCU with SPI
June 10, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com