Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 7Page - STMicroelectronics ST7265X Datasheet HTML 8Page - STMicroelectronics ST7265X Datasheet HTML 9Page - STMicroelectronics ST7265X Datasheet HTML 10Page - STMicroelectronics ST7265X Datasheet HTML 11Page - STMicroelectronics ST7265X Datasheet HTML 12Page - STMicroelectronics ST7265X Datasheet HTML 13Page - STMicroelectronics ST7265X Datasheet HTML 14Page - STMicroelectronics ST7265X Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 166 page
background image
ST7265x
11/166
-11
14
PB3/DTC
I/O
X
C
T
X
X
Port B3
DTC
-
12
15
PB4/DTC
I/O
X
C
T
X
X
Port B4
DTC
-
13
16
PB5/DTC
I/O
X
C
T
X
X
Port B5
DTC
-
14
17
PB6/DTC
I/O
X
C
T
X
X
Port B6
DTC
-
15
18
PB7/DTC
I/O
X
C
T
X
X
Port B7
DTC
12
16
19
PA0/DTC
I/O
X
C
T
X
ei
0
X
X
Port A0
DTC
13
17
20
PA1/DTC
I/O
X
C
T
X
X
X
Port A1
DTC
14
18
21
PA2/DTC
I/O
X
C
T
X
X
X
Port A2
DTC
15
19
22
PA3/DTC
I/O
X
C
T
X
X
X
Port A3
DTC
-
20
23
PA4/DTC
I/O
X
C
T
X
X
X
Port A4
DTC
-
21
24
PA5/DTC
I/O
X
C
T
X
X
X
Port A5
DTC
-
22
25
PA6/DTC
I/O
X
C
T
X
X
X
Port A6
DTC
-
23
26
PA7/DTC
I/O
X
C
T
X
X
X
Port A7
DTC
16
-
27
PC0/MCO/SS
I/O
X
C
T
HS X
ei
2
X
Port C0
Main Clock Output / SPI Slave
Select
1
17
-
28
PC1/DTC/MIS0
I/O
X CT HS X
X
Port C1
DTC I/O with serial capability
(DATARQ) / SPI Master In
Slave Out
1
18
-
29
PC2/DTC/MOSI
I/O
X CT HS X
X
Port C2
DTC I/O with serial capability
(SDAT) / SPI Master Out Slave
In
1
19
-
30
PC3/DTC/SCK
I/O
X CT HS X
X
Port C3
DTC I/O with serial capability
(SCLK) / SPI Serial Clock
1
20
24
31
VDD1
S
Power supply voltage (2.7V - 5.5V)
21
25
32
VSS1
S
Digital ground
-
-
33
PC4/DTC
I/O
CT
X
ei
2
X
Port C4
DTC
-
-
34
PC5/DTC
I/O
CT
X
X
Port C5
DTC
-
-
35
PC6/DTC
I/O
CT
X
X
Port C6
DTC
-
-
36
PC7/DTC
I/O
CT
X
X
Port C7
DTC
Pin
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com