Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 88Page - STMicroelectronics ST7265X Datasheet HTML 89Page - STMicroelectronics ST7265X Datasheet HTML 90Page - STMicroelectronics ST7265X Datasheet HTML 91Page - STMicroelectronics ST7265X Datasheet HTML 92Page - STMicroelectronics ST7265X Datasheet HTML 93Page - STMicroelectronics ST7265X Datasheet HTML 94Page - STMicroelectronics ST7265X Datasheet HTML 95Page - STMicroelectronics ST7265X Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 166 page
background image
ST7265x
92/166
11.5 PWM/BRM GENERATOR (DAC)
11.5.1 Introduction
This PWM/BRM peripheral includes a 6-bit Pulse
Width Modulator (PWM) and a 4-bit Binary Rate
Multiplier (BRM) Generator. It allows the digital to
analog conversion (DAC) when used with external
filtering.
Note: The number of PWM and BRM channels
available depends on the device. Refer to the de-
vice pin description and register map.
11.5.2 Main Features
s
Fixed frequency: fCPU/64
s
Resolution: T
CPU
s
Steps of V
DD/2
10 (5mV if V
DD=5V)
11.5.3 Functional Description
The 10 bits of the 10-bit PWM/BRM are distributed
as 6 PWM bits and 4 BRM bits. The generator con-
sists of a 10-bit counter (common for all channels),
a comparator and the PWM/BRM generation logic.
PWM Generation
The counter increments continuously, clocked at
internal CPU clock. Whenever the 6 least signifi-
cant bits of the counter (defined as the PWM coun-
ter) overflow, the output level for all active chan-
nels is set.
The state of the PWM counter is continuously
compared to the PWM binary weight for each
channel, as defined in the relevant PWM register,
and when a match occurs the output level for that
channel is reset.
This Pulse Width modulated signal must be fil-
tered, using an external RC network placed as
close as possible to the associated pin. This pro-
vides an analog voltage proportional to the aver-
age charge passed to the external capacitor. Thus
for a higher mark/space ratio (high time much
greater than low time) the average output voltage
is higher. The external components of the RC net-
work should be selected for the filtering level re-
quired for control of the system variable.
Each output may individually have its polarity in-
verted by software, and can also be used as a log-
ical output.
Figure 52. PWM Generation
COUNTER
63
COMPARE
VALUE
OVERFLOW
OVERFLOW
OVERFLOW
000
t
PWM OUTPUT
t
T
CPU x 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com