Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 24Page - STMicroelectronics ST7265X Datasheet HTML 25Page - STMicroelectronics ST7265X Datasheet HTML 26Page - STMicroelectronics ST7265X Datasheet HTML 27Page - STMicroelectronics ST7265X Datasheet HTML 28Page - STMicroelectronics ST7265X Datasheet HTML 29Page - STMicroelectronics ST7265X Datasheet HTML 30Page - STMicroelectronics ST7265X Datasheet HTML 31Page - STMicroelectronics ST7265X Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 166 page
background image
ST7265x
28/166
6 SUPPLY, RESET AND CLOCK MANAGEMENT
6.1 CLOCK SYSTEM
6.1.1 General Description
The MCU accepts either a 12 MHz crystal or an
external clock signal to drive the internal oscillator.
The internal clock (fCPU) is derived from the inter-
nal oscillator frequency (fOSC), which is 12 Mhz in
Stand-alone mode and 48Mhz in USB mode.
The internal clock (fCPU) is software selectable us-
ing the CP[1:0] and CPEN bits in the MISCR1 reg-
ister.
In USBVDD power supply mode, the PLL is active,
generating a 48MHz clock to the USB. In this
mode, fCPU can be configured to be up to 8 MHz.
In VDD mode the PLL and the USB clock are disa-
bled, and the maximum frequency of fCPU is 6
MHz.
The internal clock signal (fCPU) is also routed to
the on-chip peripherals. The CPU clock signal
consists of a square wave with a duty cycle of
50%.
The internal oscillator is designed to operate with
an AT-cut parallel resonant quartz in the frequency
range specified for fosc. The circuit shown in Fig-
ure 17 is recommended when using a crystal, and
Table 7 lists the recommended capacitance. The
crystal and associated components should be
mounted as close as possible to the input pins in
order to minimize output distortion and start-up
stabilisation time.
Table 7. Recommended Values for 12-MHz
Crystal Resonator
Note: RSMAX is the equivalent serial resistor of the
crystal (see crystal specification).
6.1.2 External Clock
An external clock may be applied to the OSCIN in-
put with the OSCOUT pin not connected, as
shown on Figure 16. The tOXOV specifications
does not apply when using an external clock input.
The equivalent specification of the external clock
source should be used instead of tOXOV (see Sec-
tion 6.5 CONTROL TIMING).
Figure 16. External Clock Source Connections
Figure 17. Crystal Resonator
RSMAX
20
Ω
25
Ω
70
Ω
COSCIN
56pF
47pF
22pF
COSCOUT
56pF
47pF
22pF
OSCIN
OSCOUT
EXTERNAL
CLOCK
NC
OSCIN
OSCOUT
COSCIN
COSCOUT
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com