Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 90Page - STMicroelectronics ST7265X Datasheet HTML 91Page - STMicroelectronics ST7265X Datasheet HTML 92Page - STMicroelectronics ST7265X Datasheet HTML 93Page - STMicroelectronics ST7265X Datasheet HTML 94Page - STMicroelectronics ST7265X Datasheet HTML 95Page - STMicroelectronics ST7265X Datasheet HTML 96Page - STMicroelectronics ST7265X Datasheet HTML 97Page - STMicroelectronics ST7265X Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 166 page
background image
ST7265x
94/166
PWM/BRM GENERATOR (Cont’d)
BRM Generation
The BRM bits allow the addition of a pulse to wid-
en a standard PWM pulse for specific PWM cy-
cles. This has the effect of “fine-tuning” the PWM
Duty cycle (without modifying the base duty cycle),
thus, with the external filtering, providing additional
fine voltage steps.
The incremental pulses (with duration of TCPU) are
added to the beginning of the original PWM pulse.
The PWM intervals which are added to are speci-
fied in the 4-bit BRM register and are encoded as
shown in the following table. The BRM values
shown may be combined together to provide a
summation of the incremental pulse intervals
specified.
The pulse increment corresponds to the PWM res-
olution.
For example,if
– Data 18h is written to the PWM register
– Data 06h (00000110b) is written to the BRM reg-
ister
– with a 8MHz internal clock (125ns resolution)
Then 3.0
µs-long pulse will be output at 8 µs inter-
vals, except for cycles numbered 2,4,6,10,12,14,
where the pulse is broadened to 3.125
µs.
Note. If 00h is written to both PWM and BRM reg-
isters, the generator output will remain at “0”. Con-
versely, if both registers hold data 3Fh and 0Fh,
respectively, the output will remain at “1” for all in-
tervals 1 to 15, but it will return to zero at interval 0
for an amount of time corresponding to the PWM
resolution (TCPU).
An output can be set to a continuous “1” level by
clearing the PWM and BRM values and setting
POL = “1” (inverted polarity) in the PWM register.
This allows a PWM/BRM channel to be used as an
additional I/O pin if the DAC function is not re-
quired.
Table 30. Bit BRM Added Pulse Intervals
(Interval #0 not selected).
Figure 55. BRM pulse addition (PWM > 0)
BRM 4 - Bit Data
Incremental Pulse Intervals
0000
none
0001
i = 8
0010
i = 4,12
0100
i = 2,6,10,14
1000
i = 1,3,5,7,9,11,13,15
T
CPU x 64
T
CPU x 64
T
CPU x 64
T
CPU x 64 increment
m = 1
m = 0
m = 2
T
CPU x 64
m = 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com