Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 71Page - STMicroelectronics ST7265X Datasheet HTML 72Page - STMicroelectronics ST7265X Datasheet HTML 73Page - STMicroelectronics ST7265X Datasheet HTML 74Page - STMicroelectronics ST7265X Datasheet HTML 75Page - STMicroelectronics ST7265X Datasheet HTML 76Page - STMicroelectronics ST7265X Datasheet HTML 77Page - STMicroelectronics ST7265X Datasheet HTML 78Page - STMicroelectronics ST7265X Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 166 page
background image
ST7265x
75/166
USB INTERFACE (Cont’d)
Bits 1:0 = STAT_RX [1:0]
Status bits, for reception
transfers.
These bits contain the information about the end-
point status, as listed below:
Table 21. Reception Status Encoding
These bits are written by software. Hardware sets
the STAT_RX and STAT_TX bits to NAK when a
correct transfer has occurred (CTR=1) addressed
to this endpoint, so the software has the time to ex-
amine the received data before acknowledging a
new transaction.
Notes:
If a SETUP is received while the status is other
than DISABLED, it is acknowledged and the two
directional status bits are set to NAK by hardware.
When a STALL is answered by the USB device,
the two directional status bits are set to STALL by
hardware.
ENDPOINT
1
RECEPTION
REGISTER
(EP1RXR)
Read/Write
Reset value: 0000 0000 (00h)
This register is used for controlling Endpoint 1 re-
ception. Bits 2:0 are also reset by a USB reset, ei-
ther received from the USB or forced through the
FRES bit in the CTLR register.
Bits 7:4 Reserved, forced by hardware to 0.
Bit 3 = CTR_RX
Correct Reception Transfer.
This bit is set by hardware when a correct transfer
operation is performed in reception. This bit must
be cleared after the corresponding interrupt has
been serviced.
Bit 2 = DTOG_RX
Data Toggle, for reception
transfers.
It contains the expected value of the toggle bit
(0=DATA0, 1=DATA1) for the next data packet.
The receiver toggles DTOG_RX only if it receives
a correct data packet and the packet’s data PID
matches the receiver sequence bit.
Bits 1:0 = STAT_RX [1:0]
Status bits, for reception
transfers.
These bits contain the information about the end-
point status, as listed below:
Table 22. Reception Status Encoding:
These bits are written by software, but hardware
sets the STAT_RX bits to NAK when a correct
transfer has occurred (CTR=1) addressed to this
endpoint, so the software has the time to examine
the received data before acknowledging a new
transaction.
STAT_RX1 STAT_RX0
Meaning
00
DISABLED: no function can be
executed on this endpoint and
messages related to this end-
point are ignored.
01
STALL: the endpoint is stalled
and all reception requests re-
sult in a STALL handshake.
10
NAK: the endpoint is NAKed
and all reception requests re-
sult in a NAK handshake.
11
VALID: this endpoint is ena-
bled (if an address match oc-
curs, the USB interface
handles the transaction).
70
0
000
CTR_R
X
DTOG
_RX
STAT_
RX1
STAT_
RX0
STAT_RX1 STAT_RX0
Meaning
00
DISABLED: reception trans-
fers cannot be executed.
01
STALL: the endpoint is stalled
and all reception requests re-
sult in a STALL handshake.
10
NAK: the endpoint is naked
and all reception requests re-
sult in a NAK handshake.
11
VALID: this endpoint is ena-
bled for reception.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com