Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 69Page - STMicroelectronics ST7265X Datasheet HTML 70Page - STMicroelectronics ST7265X Datasheet HTML 71Page - STMicroelectronics ST7265X Datasheet HTML 72Page - STMicroelectronics ST7265X Datasheet HTML 73Page - STMicroelectronics ST7265X Datasheet HTML 74Page - STMicroelectronics ST7265X Datasheet HTML 75Page - STMicroelectronics ST7265X Datasheet HTML 76Page - STMicroelectronics ST7265X Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 166 page
background image
ST7265x
73/166
USB INTERFACE (Cont’d)
Bit 2 = PDWN
Power down.
This bit is set by software to turn off the 3.3V on-
chip voltage regulator that supplies the external
pull-up resistor and the transceiver.
0: Voltage regulator on
1: Voltage regulator off
Note: After turning on the voltage regulator, soft-
ware should allow at least 3
µs for stabilisation of
the power supply before using the USB interface.
Bit 1 = FSUSP
Force suspend mode.
This bit is set by software to enter Suspend mode.
The ST7 should also be put in Halt mode to reduce
power consumption.
0: Suspend mode inactive
1: Suspend mode active
When the hardware detects USB activity, it resets
this bit (it can also be reset by software).
Bit 0 = FRES
Force reset.
This bit is set by software to force a reset of the
USB interface, just as if a RESET sequence came
from the USB.
0: Reset not forced
1: USB interface reset forced.
The USB interface is held in RESET state until
software clears this bit, at which point a “USB-RE-
SET” interrupt will be generated if enabled.
DEVICE ADDRESS REGISTER (DADDR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 Reserved, forced by hardware to 0.
Bits 6:0 = ADD[6:0]
Device address, 7 bits.
Software must write into this register the address
sent by the host during enumeration.
Note: This register is also reset when a USB reset
is received or forced through bit FRES in the CTLR
register.
USB STATUS REGISTER (USBSR)
Read only
Reset Value: 0000 0000 (00h)
Bits 7:6 = PID[1:0]
Token PID bits 1 & 0 for End-
point 0 Control.
USB token PIDs are encoded in four bits. PID[1:0]
correspond to the most significant bits of the PID
field of the last token PID received by Endpoint 0.
Note: The least significant PID bits have a fixed
value of 01.
When a CTR interrupt occurs on Endpoint 0 (see
register ISTR) the software should read the
PID[1:0] bits to retrieve the PID name of the token
received.
The USB specification defines PID bits as:
Bit 5 = IN/OUT
Last transaction direction for End-
point 1 or 2.
This bit is set by hardware when a CTR interrupt
occurs on Endpoint 1 or Endpoint 2.
0: OUT transaction
1: IN transaction
Bits 4:3 = EP[1:0]
Endpoint number.
These bits identify the endpoint which required at-
tention.
00 = Endpoint 0
01 = Endpoint 1
10 = Endpoint 2
70
0
ADD6ADD5ADD4ADD3ADD2ADD1ADD0
70
PID1
PID0
IN/
OUT
EP1
EP0
ERR2
ERR1
ERR0
PID1
PID0
PID Name
0
0
OUT
10
IN
1
1
SETUP
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com