Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 61Page - STMicroelectronics ST7265X Datasheet HTML 62Page - STMicroelectronics ST7265X Datasheet HTML 63Page - STMicroelectronics ST7265X Datasheet HTML 64Page - STMicroelectronics ST7265X Datasheet HTML 65Page - STMicroelectronics ST7265X Datasheet HTML 66Page - STMicroelectronics ST7265X Datasheet HTML 67Page - STMicroelectronics ST7265X Datasheet HTML 68Page - STMicroelectronics ST7265X Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 166 page
background image
ST7265x
65/166
11.3 USB INTERFACE (USB)
11.3.1 Introduction
The USB Interface implements a full-speed func-
tion interface between the USB and the ST7 mi-
crocontroller. It is a highly integrated circuit which
includes the transceiver, 3.3 voltage regulator, SIE
and USB Data Buffer interface. No external com-
ponents are needed apart from the external pull-
up on USBDP for full speed recognition by the
USB host.
11.3.2 Main Features
s
USB Specification Version 2.0 Compliant
s
Supports Full-Speed USB Protocol
s
Five Endpoints (including default endpoint)
s
CRC
generation/checking,
NRZI
encoding/
decoding and bit-stuffing
s
USB Suspend/Resume operations
s
Special Data transfer mode with USB Data
Buffer Memory (2 x 512 bytes for upload or
download) to DTC
s
On-Chip 3.3V Regulator
s
On-Chip USB Transceiver
11.3.3 Functional Description
The block diagram in Figure 40, gives an overview
of the USB interface hardware.
For general information on the USB, refer to the
“Universal Serial Bus Specifications” document
available at http//:www.usb.org.
Serial Interface Engine
The SIE (Serial Interface Engine) interfaces with
the USB, via the transceiver.
The SIE processes tokens, handles data transmis-
sion/reception, and handshaking as required by
the USB standard. It also performs frame format-
ting, including CRC generation and checking.
Endpoints
The Endpoint registers indicate if the microcontrol-
ler is ready to transmit/receive, and how many
bytes need to be transmitted.
Data Transfer to/from USB Data Buffer Memory
When a token for a valid Endpoint is recognized by
the USB interface, the related data transfer takes
place to/from the USB data buffer. In normal con-
figuration (MOD[1:0] bits=00 in the CTLR register),
at the end of the transaction, an interrupt is gener-
ated.
Interrupts
By reading the Interrupt Status register, applica-
tion software can know which USB event has oc-
curred.
Figure 40. USB Block Diagram
CPU
Transceiver
3.3V
Voltage
Regulator
SIE
ENDPOINT
BUFFER
USB
Address,
and interrupts
USBDM
USBDP
USBVCC
48 MHz
REGISTERS
REGISTERS
data busses
USBGND
BUFFER
USB
DATA
INTERFACE
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com