Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 34Page - STMicroelectronics ST7265X Datasheet HTML 35Page - STMicroelectronics ST7265X Datasheet HTML 36Page - STMicroelectronics ST7265X Datasheet HTML 37Page - STMicroelectronics ST7265X Datasheet HTML 38Page - STMicroelectronics ST7265X Datasheet HTML 39Page - STMicroelectronics ST7265X Datasheet HTML 40Page - STMicroelectronics ST7265X Datasheet HTML 41Page - STMicroelectronics ST7265X Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 166 page
background image
ST7265x
38/166
POWER SUPPLY MANAGEMENT (Cont’d)
Figure 26. Storage Media Interface Supply Switch (for low current Media)
Figure 27. Storage Media Interface Supply Switch (for high current Media)
VDD1
STORAGE SWITCH
VDD2
VDDA
VDDF
I/O pin
ST7
(True OD)
VDD
Note: Ground lines not shown
STORAGE MEDIA I/Os
VOLTAGE REGULATOR
I/O LOGIC
2.8V, 3.3V, 3.4V or 3.5V
(2.7V - 5.5V)
STORAGE MEDIA
This Switch is turned ON to
The on-chip Regulator
I/F in USB mode
power Storage Media I/F
in Stand-Alone Mode
supplies the Storage Media
PMOS
LEVEL TRANSLATOR
VDD1
STORAGE SWITCH
VDD2
VDDA
VDDF
I/O pin
ST7
(True OD)
VDD
Note: Ground lines not shown
STORAGE MEDIA I/Os
VOLTAGE REGULATOR
I/O LOGIC
2.8V, 3.3V, 3.4V or 3.5V
(2.7V - 5.5V)
STORAGE MEDIA
This supply is not used
REGUL
This Switch is turned ON to
power Storage Media I/F
in Stand-Alone Mode
This Regulator
supplies the Storage Media
I/F in USB Mode
and MUST be disabled
PMOS
LEVEL TRANSLATOR
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com