Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 16Page - STMicroelectronics ST7265X Datasheet HTML 17Page - STMicroelectronics ST7265X Datasheet HTML 18Page - STMicroelectronics ST7265X Datasheet HTML 19Page - STMicroelectronics ST7265X Datasheet HTML 20Page - STMicroelectronics ST7265X Datasheet HTML 21Page - STMicroelectronics ST7265X Datasheet HTML 22Page - STMicroelectronics ST7265X Datasheet HTML 23Page - STMicroelectronics ST7265X Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 166 page
background image
ST7265x
20/166
0020h
0021h
0022h
0023h
0024h
0025h
0026h
0027h
0028h
0029h
002Ah
TIM
TCR1
TCR2
TSR
CHR
CLR
ACHR
ACLR
OC1HR
OC1LR
OC2HR
OC2LR
Timer Control Register 1
Timer Control Register 2
Timer Status Register
Timer Counter High Register
Timer Counter Low Register
Timer Alternate Counter High Register
Timer Alternate Counter Low Register
Timer Output Compare 1 High Register
Timer Output Compare 1 Low Register
Timer Output Compare 2 High Register
Timer Output Compare 2 Low Register
00h
00h
00h
FFh
FCh
FFh
FCh
80h
00h
80h
00h
R/W
R/W
Read Only
Read Only
Read Only
Read Only
Read Only
R/W
R/W
R/W
R/W
002Bh
Flash
Flash Control Status Register
00h
R/W
002Ch
002Dh
002Eh
002Fh
ITC
ITSPR0
ITSPR1
ITSPR2
ITSPR3
Interrupt Software Priority Register 0
Interrupt Software Priority Register 1
Interrupt Software Priority Register 2
Interrupt Software Priority Register 3
FFh
FFh
FFh
FFh
R/W
R/W
R/W
R/W
0030h
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
USB
USBISTR
USBIMR
USBCTLR
DADDR
USBSR
EP0R
CNT0RXR
CNT0TXR
EP1RXR
CNT1RXR
EP1TXR
CNT1TXR
EP2RXR
CNT2RXR
EP2TXR
CNT2TXR
USB Interrupt Status Register
USB Interrupt Mask Register
USB Control Register
Device Address Register
USB Status Register
Endpoint 0 Register
EP 0 Reception Counter Register
EP 0 Transmission Counter Register
Endpoint 1 Register
EP 1 Reception Counter Register
Endpoint 1 Register
EP 1 Transmission Counter Register
Endpoint 2 Register
EP 2 Reception Counter Register
Endpoint 2 Register
EP 2 Transmission Counter Register
00h
00h
06h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0040h
0041h
0042h
0043h
0044h
0045h
0046h
I
2C 1
I2CCR
I2CSR1
I2CSR2
I2CCCR
Not used
Not used
I2CDR
I2C Control Register
I2C Status Register 1
I2C Status Register 2
I2C Clock Control Register
I2C Data Register
00h
00h
00h
00h
00h
R/W
Read only
Read only
R/W
R/W
0047h
USB
BUFCSR
Buffer Control/Status Register
00h
R/W
0048h
Reserved Area (1 Byte)
0049h
MISCR1
Miscellaneous Register 1
00h
R/W
004Ah
MISCR2
Miscellaneous Register 2
00h
R/W
004Bh
Reserved Area (1 Byte)
Address
Block
Register Label
Register name
Reset Status
Remarks
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com