Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 5 Page - STMicroelectronics

  ST7265X Datasheet HTML 1Page - STMicroelectronics ST7265X Datasheet HTML 2Page - STMicroelectronics ST7265X Datasheet HTML 3Page - STMicroelectronics ST7265X Datasheet HTML 4Page - STMicroelectronics ST7265X Datasheet HTML 5Page - STMicroelectronics ST7265X Datasheet HTML 6Page - STMicroelectronics ST7265X Datasheet HTML 7Page - STMicroelectronics ST7265X Datasheet HTML 8Page - STMicroelectronics ST7265X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 166 page
background image
ST7265x
5/166
INTRODUCTION (Cont’d)
In addition to the peripherals for USB full speed
data transfer, the ST7265x includes all the neces-
sary features for stand-alone applications with
FLASH mass storage.
– Low voltage reset ensuring proper power-on or
power-off of the device (not on all products)
– Digital Watchdog
– 16-bit Timer with 2 output compare functions (not
on all products - see device summary).
– Two 10-bit PWM outputs (not on all products -
see device summary)
– Serial Peripheral interface (not on all products -
see device summary)
– Fast I2C Single Master interface (not on all prod-
ucts - see device summary)
– 8-bit Analog-to-Digital converter (ADC) with 8
multiplexed analog inputs (not on all products -
see device summary)
The ST72F65x are the Flash versions of the
ST7265x in a TQFP64 package.
The ST7265x are the ROM versions in a TQFP64
package.
Figure 2. Digital Audio Player Application Example in Play Mode
512-byte RAM
Buffer
512-byte RAM
Buffer
DATA
COPROCESSOR
DATA TRANSFER
BUFFER
LEVEL SHIFTERS
MASS
DEVICE
ST7 CORE
STORAGE
TRANSFER
(DTC)
ARBITRATION
BUFFER ACCESS
DIGITAL
AUDIO DEVICE
I2C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com