Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7265X Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7265X
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265X Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7265X Datasheet HTML 15Page - STMicroelectronics ST7265X Datasheet HTML 16Page - STMicroelectronics ST7265X Datasheet HTML 17Page - STMicroelectronics ST7265X Datasheet HTML 18Page - STMicroelectronics ST7265X Datasheet HTML 19Page - STMicroelectronics ST7265X Datasheet HTML 20Page - STMicroelectronics ST7265X Datasheet HTML 21Page - STMicroelectronics ST7265X Datasheet HTML 22Page - STMicroelectronics ST7265X Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 166 page
background image
ST7265x
19/166
Table 4. Hardware Register Memory Map
Address
Block
Register Label
Register name
Reset Status
Remarks
0000h
0001h
0002h
PADR
PADDR
PAOR
Port A Data Register
Port A Data Direction Register
Port A Option Register
00h
00h
00h
R/W
R/W
R/W
0003h
0004h
PBDR
PBDDR
Port B Data Register
Port B Data Direction Register
00h
00h
R/W
R/W
0005h
Reserved Area (1 byte)
0006h
0007h
0008h
PCDR
PCDDR
PCOR
Port C Data Register
Port C Data Direction Register
Port C Option Register
00h
00h
00h
R/W
R/W
R/W
0009h
000Ah
000Bh
PDDR
PDDDR
PDOR
Port D Data Register
Port D Data Direction Register
Port D Option Register
00h
00h
00h
R/W
R/W
R/W
000Ch
000Dh
000Eh
PEDR
PEDDR
PEOR
Port E Data Register
Port E Data Direction Register
Port E Option Register
00h
00h
00h
R/W
R/W
R/W
000Fh
0010h
PFDR
PFDDR
Port F Data Register
Port F Data Direction Register
00h
00h
R/W
R/W
0011h
Reserved Area (1 byte)
0012h
0013h
ADC1
ADCDR
ADCCSR
ADC Data Register
ADC Control Status Register
00h
00h
Read only
R/W
0014h
WDG
WDGCR
Watchdog Control Register
7Fh
R/W
0015h
to
0017h
Reserved Area (3 bytes)
0018h
DSM
PCR
Power Control Register
00h
R/W
0019h
001Ah
001Bh
SPI
SPIDR
SPICR
SPICSR
SPI Data I/O Register
SPI Control Register
SPI Control/Status Register
xxh
0xh
00h
R/W
R/W
R/W
001Ch
001Dh
001Eh
001Fh
DTC
DTCCR
DTCSR
Reserved
DTCPR
DTC Control Register
DTC Status Register
DTC Pointer Register
00h
00h
00h
R/W
R/W
R/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com