Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST890CD Datasheet (PDF) - STMicroelectronics

ST890CD Datasheet PDF - STMicroelectronics
Part # ST890CD
Download  ST890CD Download
File Size   148.45 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN

ST890CD Datasheet (PDF)

Go To PDF Page Download Datasheet
ST890CD Datasheet PDF - STMicroelectronics

Part # ST890CD
Download  ST890CD Click to download

File Size   148.45 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN

ST890CD Datasheet (HTML) - STMicroelectronics


ST890CD Product details

DESCRIPTION
The ST890 is a low voltage, P-Channel MOSFET power switch intended for high side load switching applications.

■ 2.7V TO 5.5V INPUT RANGE
■ PROGRAMMABLE CURRENT LIMIT UP TO 1.2A
■ LOW QUIESCENT CURRENT
■ THERMAL SHUTDOWN
■ FAULT INDICATOR OUTPUT
■ 90mΩ (TYP.) ON RESISTANCE
■ SO-8 PACKAGE




Similar Part No. - ST890CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST890CD STMICROELECTRONICS-ST890CD Datasheet
443Kb / 9P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
22-Jul-2005
ST890CDR STMICROELECTRONICS-ST890CDR Datasheet
443Kb / 9P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
22-Jul-2005
ST890CDR STMICROELECTRONICS-ST890CDR Datasheet
563Kb / 20P
1.2 A current limited high side power switch with thermal shutdown
04-Mar-2009
More results


Similar Description - ST890CD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890_05 Datasheet
443Kb / 9P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
22-Jul-2005
ST890B STMICROELECTRONICS-ST890B_07 Datasheet
440Kb / 17P
1.2 A current limited high side power switch with thermal shutdown
01-Dec-2007
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
1.2 A current limited high side power switch with thermal shutdown
04-Mar-2009
logo
Maxim Integrated Produc...
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com