Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST890CD Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST890CD
Description  1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST890CD Datasheet(HTML) 1 Page - STMicroelectronics

  ST890CD Datasheet HTML 1Page - STMicroelectronics ST890CD Datasheet HTML 2Page - STMicroelectronics ST890CD Datasheet HTML 3Page - STMicroelectronics ST890CD Datasheet HTML 4Page - STMicroelectronics ST890CD Datasheet HTML 5Page - STMicroelectronics ST890CD Datasheet HTML 6Page - STMicroelectronics ST890CD Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
September 2002
s
2.7V TO 5.5V INPUT RANGE
s
PROGRAMMABLE CURRENT LIMIT UP TO
1.2A
s
LOW QUIESCENT CURRENT
s
THERMAL SHUTDOWN
s
FAULT INDICATOR OUTPUT
s
90m
Ω (TYP.) ON RESISTANCE
s
SO-8 PACKAGE
DESCRIPTION
The ST890 is a low voltage, P-Channel MOSFET
power switch intended for high side load switching
applications.
This switch operates with inputs from 2.7V ti 5.5V,
making it ideal for both 3V and 5V systems.
Internal current limiting circuitry protects the input
supply
against
overload.
Thermal
overload
protection limits power dissipation and junction
temperatures.
The ST890’s maxmimum current limits is 1.2A.
The current limit through the switch is programed
with a resistor from SET to groung. The ST890 is
available in SO-8 package. Main applications are:
PCMCIA
slots,
Access
bus
slots,
Portable
equipment.
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST890CD
0 to 70 °C
SO-8 (Tube)
50parts per tube / 40tube per box
ST890CDR
0 to 70 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST890BD
-40 to 85 °C
SO-8 (Tube)
50parts per tube / 40tube per box
ST890BDR
-40 to 85 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST890
1.2A CURRENT LIMITED HIGH SIDE WITH
THERMAL SHUTDOWN
SCHEMATIC DIAGRAM
SO-8


Similar Part No. - ST890CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST890CD STMICROELECTRONICS-ST890CD Datasheet
443Kb / 9P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
22-Jul-2005
ST890CDR STMICROELECTRONICS-ST890CDR Datasheet
443Kb / 9P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
22-Jul-2005
ST890CDR STMICROELECTRONICS-ST890CDR Datasheet
563Kb / 20P
1.2 A current limited high side power switch with thermal shutdown
04-Mar-2009
More results

Similar Description - ST890CD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890_05 Datasheet
443Kb / 9P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
22-Jul-2005
ST890B STMICROELECTRONICS-ST890B_07 Datasheet
440Kb / 17P
1.2 A current limited high side power switch with thermal shutdown
01-Dec-2007
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
1.2 A current limited high side power switch with thermal shutdown
04-Mar-2009
logo
Maxim Integrated Produc...
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com