Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST890CD Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST890CD
Description  1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST890CD Datasheet(HTML) 2 Page - STMicroelectronics

  ST890CD Datasheet HTML 1Page - STMicroelectronics ST890CD Datasheet HTML 2Page - STMicroelectronics ST890CD Datasheet HTML 3Page - STMicroelectronics ST890CD Datasheet HTML 4Page - STMicroelectronics ST890CD Datasheet HTML 5Page - STMicroelectronics ST890CD Datasheet HTML 6Page - STMicroelectronics ST890CD Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST890
2/7
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
(*) This value depends from thermal design of PCB on which the device is mounted.
TRUTH TABLE FOR ON/OFF SWICH
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
Symbol
Parameter²
Value
Unit
VI
Supply Voltage
-0.5 to 6
V
VON,
VFAULT
Power DMOS Drain to Source Voltage
-0.5 to 6
V
VSET, VO
Logic Input Voltage
-0.5 to (VIN + 0.5)
V
IDS
Maximum Continuous Switching Current
1.5
A
Tstg
Storage Temperature Range
-65 to +150
°C
Top
Operating Junction Temperature Range (C series)
(B series)
0to +70
-40 to +85
°C
°C
Symbol
Parameter
SO-8
Unit
Rthj-amb
Thermal Resistance Junction-ambient (*)
160
°C/W
ON/OFF
OUT
LON
H
OFF
FAULT
FLAG
H
Normal Operation
L
Fault Condition
Pin N°
Symbol
Name and Function
1, 2
IN
Input P-Channel MOSFET source. Bypass IN with a 1
µF capacitor to ground.
3ON
Active Low Switch On Input. A logic low turns the switch ON
4
GND
Ground
5
SET
Set Current Limit Input. A resistor from SET to GROUND sets the current limit for
the switch. RSET=1.38x10
3/I
LIM, where ILIM is the desired currnet limit in Amperes
6, 7
OUT
Switch Output. P-Channel MOSFET drain. Bypass OUT with a 0.1mF capacitor to
GROUND.
8FAULT
Fault Indicator Output. This open drain output goes low when in current limit or
when the die temperature exceeds 135°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com