Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93CS47 Datasheet (PDF) - STMicroelectronics

ST93CS47 Datasheet PDF - STMicroelectronics
Part # ST93CS47
Download  ST93CS47 Download
File Size   124.09 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1K 64 x 16 SERIAL MICROWIRE EEPROM

ST93CS47 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST93CS47 Datasheet PDF - STMicroelectronics

Part # ST93CS47
Download  ST93CS47 Click to download

File Size   124.09 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1K 64 x 16 SERIAL MICROWIRE EEPROM

ST93CS47 Datasheet (HTML) - STMicroelectronics


ST93CS47 Product details

DESCRIPTION
The ST93CS46 and ST93CS47 are 1K bit Electrically Erasable Programmable Memory (EEPROM) fabricatedwith SGS-THOMSON’s High Endurance Single Polysilicon CMOS technology. The memory is accessed through a serial input D and output Q.
The 1K bit memory is organized as 64 x 16 bit words.The memory is accessed by a set of instructions which include Read, Write, Page Write, Write All and instructions used to set the memory protection. A Read instruction loads the address of the first word to be read into an internal address pointer.

■ 1 MILLION ERASE/WRITE CYCLES, with 40 YEARS DATA RETENTION
■ SELF-TIMED PROGRAMMING CYCLE with AUTO-ERASE
■ READY/BUSY SIGNAL DURING PROGRAMMING
■ SINGLE SUPPLY VOLTAGE
    – 3V to 5.5V for the ST93CS46
    – 2.5V to 5.5V for the ST93CS47
■ USER DEFINED WRITE PROTECTED AREA
■ PAGE WRITE MODE (4 WORDS)
■ SEQUENTIAL READ OPERATION
■ 5ms TYPICAL PROGRAMMING TIME
■ ST93CS46 and ST93CS47 are replaced by the M93S46




Similar Part No. - ST93CS47

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93CS56 STMICROELECTRONICS-ST93CS56 Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS56B1013TR STMICROELECTRONICS-ST93CS56B1013TR Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS56B3013TR STMICROELECTRONICS-ST93CS56B3013TR Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS56B6013TR STMICROELECTRONICS-ST93CS56B6013TR Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS56M1013TR STMICROELECTRONICS-ST93CS56M1013TR Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
More results


Similar Description - ST93CS47

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
143Kb / 15P
3-Wire Serial EEPROM 1K (64 x 16)
logo
Microchip Technology
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
1K 5.0V Microwire Serial EEPROM
1997
93AA46A MICROCHIP-93AA46A Datasheet
403Kb / 24P
1K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
1K 5.0V Microwire Serial EEPROM
1996
logo
ATMEL Corporation
AT93C46E ATMEL-AT93C46E_08 Datasheet
682Kb / 15P
Three-wire Serial EEPROM 1K (64 x 16)
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A_10 Datasheet
736Kb / 34P
1K Microwire Compatible Serial EEPROM
2010
93LC46BT-SN MICROCHIP-93LC46BT-SN Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com