Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93CS47 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST93CS47
Description  1K 64 x 16 SERIAL MICROWIRE EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93CS47 Datasheet(HTML) 1 Page - STMicroelectronics

  ST93CS47 Datasheet HTML 1Page - STMicroelectronics ST93CS47 Datasheet HTML 2Page - STMicroelectronics ST93CS47 Datasheet HTML 3Page - STMicroelectronics ST93CS47 Datasheet HTML 4Page - STMicroelectronics ST93CS47 Datasheet HTML 5Page - STMicroelectronics ST93CS47 Datasheet HTML 6Page - STMicroelectronics ST93CS47 Datasheet HTML 7Page - STMicroelectronics ST93CS47 Datasheet HTML 8Page - STMicroelectronics ST93CS47 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ST93CS46
ST93CS47
1K (64 x 16) SERIAL MICROWIRE EEPROM
NOT FOR NEW DESIGN
June 1997
1/16
This is information on a product still in production bu t not recommended for new de signs.
AI00884B
D
VCC
ST93CS46
ST93CS47
VSS
CQ
PRE
W
S
Figure 1. Logic Diagram
1 MILLION ERASE/WRITE CYCLES, with
40 YEARS DATA RETENTION
SELF-TIMED PROGRAMMING CYCLE with
AUTO-ERASE
READY/BUSY SIGNAL DURING
PROGRAMMING
SINGLE SUPPLY VOLTAGE
– 3V to 5.5V for the ST93CS46
– 2.5V to 5.5V for the ST93CS47
USER DEFINED WRITE PROTECTED AREA
PAGE WRITE MODE (4 WORDS)
SEQUENTIAL READ OPERATION
5ms TYPICAL PROGRAMMING TIME
ST93CS46 and ST93CS47 are replaced by
the M93S46
DESCRIPTION
The ST93CS46 and ST93CS47 are 1K bit Electri-
cally Erasable Programmable Memory (EEPROM)
fabricated with SGS-THOMSON’s High Endurance
Single Polysilicon CMOS technology. The memory
is accessed through a serial input D and output Q.
The 1K bit memory is organized as 64 x 16 bit
words.The memory is accessed by a set of instruc-
tions which include Read, Write, Page Write, Write
All and instructions used to set the memory protec-
tion. A Read instruction loads the address of the
first word to be read into an internal address
pointer.
S
Chip Select Input
D
Serial Data Input
Q
Serial Data Output
C
Serial Clock
PRE
Protect Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
SO8 (M)
150mil Width
8
1
PSDIP8 (B)
0.4mm Frame


Similar Part No. - ST93CS47

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93CS56 STMICROELECTRONICS-ST93CS56 Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS56B1013TR STMICROELECTRONICS-ST93CS56B1013TR Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS56B3013TR STMICROELECTRONICS-ST93CS56B3013TR Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS56B6013TR STMICROELECTRONICS-ST93CS56B6013TR Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS56M1013TR STMICROELECTRONICS-ST93CS56M1013TR Datasheet
124Kb / 16P
2K 128 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
More results

Similar Description - ST93CS47

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
143Kb / 15P
3-Wire Serial EEPROM 1K (64 x 16)
logo
Microchip Technology
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
1K 5.0V Microwire Serial EEPROM
1997
93AA46A MICROCHIP-93AA46A Datasheet
403Kb / 24P
1K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
1K 5.0V Microwire Serial EEPROM
1996
logo
ATMEL Corporation
AT93C46E ATMEL-AT93C46E_08 Datasheet
682Kb / 15P
Three-wire Serial EEPROM 1K (64 x 16)
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A_10 Datasheet
736Kb / 34P
1K Microwire Compatible Serial EEPROM
2010
93LC46BT-SN MICROCHIP-93LC46BT-SN Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com