Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93CS47 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST93CS47
Description  1K 64 x 16 SERIAL MICROWIRE EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93CS47 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST93CS47 Datasheet HTML 7Page - STMicroelectronics ST93CS47 Datasheet HTML 8Page - STMicroelectronics ST93CS47 Datasheet HTML 9Page - STMicroelectronics ST93CS47 Datasheet HTML 10Page - STMicroelectronics ST93CS47 Datasheet HTML 11Page - STMicroelectronics ST93CS47 Datasheet HTML 12Page - STMicroelectronics ST93CS47 Datasheet HTML 13Page - STMicroelectronics ST93CS47 Datasheet HTML 14Page - STMicroelectronics ST93CS47 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AI00891D
11 0 Xn
X0
DATA
OUT
D
S
Q
S
Protect
Register
WRITE
ADDR
OP
CODE
1 0
An
A0
D
Q
OP
CODE
1
BUSY
READY
S
Protect
Register
ENABLE
1
0
Xn X0
D
OP
CODE
1
01
CHECK
STATUS
ADDR
PRE
Protect
Register
READ
PRE
W
PRE
W
An
A0 F
F = Protect Flag
Figure 8. PRREAD, PRWRITE, PREN Sequences
11/16
ST93CS46, ST93CS47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com