Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93CS47 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST93CS47
Description  1K 64 x 16 SERIAL MICROWIRE EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93CS47 Datasheet(HTML) 2 Page - STMicroelectronics

  ST93CS47 Datasheet HTML 1Page - STMicroelectronics ST93CS47 Datasheet HTML 2Page - STMicroelectronics ST93CS47 Datasheet HTML 3Page - STMicroelectronics ST93CS47 Datasheet HTML 4Page - STMicroelectronics ST93CS47 Datasheet HTML 5Page - STMicroelectronics ST93CS47 Datasheet HTML 6Page - STMicroelectronics ST93CS47 Datasheet HTML 7Page - STMicroelectronics ST93CS47 Datasheet HTML 8Page - STMicroelectronics ST93CS47 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DESCRIPTION (cont’d)
The data is then clocked out serially. The address
pointer is automatically incremented after the data
is output and, if the Chip Select input (S) is held
High, the ST93CS46/47 can output a sequential
stream of data words. In this way, the memory can
be read as a data stream of 16 to 1024 bits, or
continuously as the address counter automatically
rolls over to 00 when the highest address is
reached. Within the time required by a program-
ming cycle (tW), up to 4 words may be written with
the help of the Page Write instruction; the whole
memory may also be erased, or set to a predeter-
mined pattern, by using the Write All instruction.
Within the memory, an user defined area may be
protected against further Write instructions. The
size of this area is defined by the content of a
VSS
Q
W
PRE
C
SVCC
D
AI00885B
ST93CS46
ST93CS47
1
2
3
4
8
7
6
5
Figure 2A. DIP Pin Connections
1
VSS
Q
W
PRE
C
SVCC
D
AI00886C
ST93CS46
ST93CS47
2
3
4
8
7
6
5
Figure 2B. SO Pin Connections
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 85
°C
TSTG
Storage Temperature
–65 to 150
°C
TLEAD
Lead Temperature, Soldering
(SO8 package)
(PSDIP8 package)
40 sec
10 sec
215
260
°C
VIO
Input or Output Voltages (Q = VOH or Hi-Z)
–0.3 to VCC +0.5
V
VCC
Supply Voltage
–0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model)
(2)
3000
V
Electrostatic Discharge Voltage (Machine model)
(3)
500
V
Notes: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other
relevant quality documents.
2. MIL-STD-883C, 3015.7 (100pF, 1500
Ω).
3. EIAJ IC-121 (Condition C) (200pF, 0
Ω).
Table 2. Absolute Maximum Ratings (1)
Protect Register, located outside of the memory
array. As a final protection step, data may be per-
manently protected by programming a One Time
Programing bit (OTP bit) which locks the Protect
Register content.
Programming is internally self-timed (the external
clock signal on C input may be disconnected or left
running after the start of a Write cycle) and does
not require an erase cycle prior to the Write instruc-
tion. The Write instruction writes 16 bits at one time
into one of the 64 words, the Page Write instruction
writes up to 4 words of 16 bits to sequential loca-
tions, assuming in both cases that all addresses
are outside the Write Protected area.
After the start of the programming cycle, a
Ready/Busy signal is available on the Data output
(Q) when the Chip Select (S) input pin is driven
High.
2/16
ST93CS46, ST93CS47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com